Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC74AC14P Datasheet(PDF) 3 Page - Toshiba Semiconductor |
|
TC74AC14P Datasheet(HTML) 3 Page - Toshiba Semiconductor |
3 / 9 page TC74AC14P/F/FN/FT 2007-10-01 3 Operating Ranges (Note) Characteristics Symbol Rating Unit Supply voltage VCC 2.0 to 5.5 V Input voltage VIN 0 to VCC V Output voltage VOUT 0 to VCC V Operating temperature Topr −40 to 85 °C Note: The operating ranges must be maintained to ensure the normal operation of the device. Unused inputs must be tied to either VCC or GND. Electrical Characteristics DC Characteristics Test Condition Ta = 25°C Ta = −40 to 85°C Characteristics Symbol VCC (V) Min Typ. Max Min Max Unit Positive threshold voltage VP ― 3.0 4.5 5.5 ― ― ― ― ― ― 2.2 3.2 3.9 ― ― ― 2.2 3.2 3.9 V Negative threshold voltage VN ― 3.0 4.5 5.5 0.5 0.9 1.1 ― ― ― ― ― ― 0.5 0.9 1.1 ― ― ― V Hysteresis voltage VH ― 3.0 4.5 5.5 0.3 0.4 0.5 ― ― ― 1.2 1.4 1.6 0.3 0.4 0.5 1.2 1.4 1.6 V IOH = −50 μA 2.0 3.0 4.5 1.9 2.9 4.4 2.0 3.0 4.5 ― ― ― 1.9 2.9 4.4 ― ― ― High-level output voltage VOH VIN = VIL IOH = −4 mA IOH = −24 mA IOH = −75 mA (Note) 3.0 4.5 5.5 2.58 3.94 ― ― ― ― ― ― ― 2.48 3.80 3.85 ― ― ― V IOL = 50 μA 2.0 3.0 4.5 ― ― ― 0.0 0.0 0.0 0.1 0.1 0.1 ― ― ― 0.1 0.1 0.1 Low-level output voltage VOL VIN = VIH IOL = 12 mA IOL = 24 mA IOL = 75 mA (Note) 3.0 4.5 5.5 ― ― ― ― ― ― 0.36 0.36 ― ― ― ― 0.44 0.44 1.65 V Input leakage current IIN VIN = VCC or GND 5.5 ― ― ±0.1 ― ±1.0 μA Quiescent supply current ICC VIN = VCC or GND 5.5 ― ― 4.0 ― 40.0 μA Note: This spec indicates the capability of driving 50 Ω transmission lines. One output should be tested at a time for a 10 ms maximum duration. |
Número de pieza similar - TC74AC14P |
|
Descripción similar - TC74AC14P |