Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLP4206G Datasheet(PDF) 1 Page - Toshiba Semiconductor

No. de pieza TLP4206G
Descripción Electrónicos  PBX Telecommunication Modem FAX Cards, Modems In PC Measurement Instrumentation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP4206G Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP4206G_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP4206G_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP4206G_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP4206G_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP4206G_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP4206G_07 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP4206G
2007-10-01
1
TOSHIBA Photocoupler Photorelay
TLP4206G
PBX
Telecommunication
Modem・FAX Cards, Modems In PC
Measurement Instrumentation
The TOSHIBA TLP4206G consists of an aluminum gallium arsenide
infrared emitting diode optically coupled to a photo-MOSFET in a SOP,
which is suitable for surface mount assembly.
The TLP4206GA is a 2-Form-A switch, which is suitable for
replacement of mechanical relays in many applications.
• 8 pin SOP (2.54SOP8): 2.1 mm high, 2.54 mm pitch
• 2-form-B
• Peak off-state voltage: 350 V (min)
• Trigger LED current: 3 mA (max)
• On-state current: 120 mA (max)
• On-state resistance: 25 Ω (max)
• Isolation voltage: 1500 Vrms (min)
Pin Configuration (top view)
Unit: mm
JEDEC
JEITA
TOSHIBA
11-10H1
Weight: 0.2 g (typ.)
1
2
8
7
1, 3: ANODE
2, 4: CATHODE
5
: DRAIN D1
6
: DRAIN D2
7
: DRAIN D3
8
: DRAIN D4
6
5
3
4


Número de pieza similar - TLP4206G_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP4206G TOSHIBA-TLP4206G Datasheet
151Kb / 6P
   PBX Telecommunication Modem짰AX Cards, Modems In PC Measurement Instrumentation
More results

Descripción similar - TLP4206G_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP4597G TOSHIBA-TLP4597G Datasheet
184Kb / 6P
   PBX Telecommunication Modem FAX Cards, Modems In PC Measurement Instrumentation
TLP4176G TOSHIBA-TLP4176G Datasheet
178Kb / 6P
   PBX Telecommunication Modem FAX Cards, Modems In PC Measurement Instrumentation
TLP4197G TOSHIBA-TLP4197G_07 Datasheet
183Kb / 6P
   PBX Telecommunication Modem FAX Cards, Modems In PC Measurement Instrumentation
TLP4227G TOSHIBA-TLP4227G_14 Datasheet
253Kb / 6P
   PBX Telecommunication Modem節쩎AX Cards, Modems In PC Measurement Instrumentation
TLP4206G TOSHIBA-TLP4206G Datasheet
151Kb / 6P
   PBX Telecommunication Modem짰AX Cards, Modems In PC Measurement Instrumentation
TLP4227G TOSHIBA-TLP4227G Datasheet
186Kb / 6P
   TOSHIBA Photocoupler Photorelay, PBX Telecommunication Modem짰AX Cards, Modems In PC Measurement Instrumentation
TLP170J TOSHIBA-TLP170J Datasheet
225Kb / 6P
   Modem - Fax Cards, Modems in PC
TLP200D TOSHIBA-TLP200D_14 Datasheet
380Kb / 6P
   PBX Modem - Fax Card Measurement Instrument
TLP206G TOSHIBA-TLP206G_14 Datasheet
201Kb / 6P
   PBX Modem-FAX Card Measurement Instrument
TLP176G TOSHIBA-TLP176G_14 Datasheet
217Kb / 7P
   Modems In PC Modem?묯ax Cards Telecommunications
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com