Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC74AC138P Datasheet(PDF) 1 Page - Toshiba Semiconductor

No. de pieza TC74AC138P
Descripción Electrónicos  CMOS Digital Integrated Circuit Silicon Monolithic 3-to-8 Line Decoder
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74AC138P Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74AC138P Datasheet HTML 1Page - Toshiba Semiconductor TC74AC138P Datasheet HTML 2Page - Toshiba Semiconductor TC74AC138P Datasheet HTML 3Page - Toshiba Semiconductor TC74AC138P Datasheet HTML 4Page - Toshiba Semiconductor TC74AC138P Datasheet HTML 5Page - Toshiba Semiconductor TC74AC138P Datasheet HTML 6Page - Toshiba Semiconductor TC74AC138P Datasheet HTML 7Page - Toshiba Semiconductor TC74AC138P Datasheet HTML 8Page - Toshiba Semiconductor TC74AC138P Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TC74AC138P/F/FN/FT
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC138P,TC74AC138F,TC74AC138FN,TC74AC138FT
3-to-8 Line Decoder
The TC74AC138 is an advanced high speed CMOS 3-to-8 LINE
DECODER fabricated with silicon gate and double-layer metal
wiring C2MOS technology.
It achieves the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low power
dissipation.
When the device is enabled, 3 Binary Select inputs (A, B and
C) determine which one of the outputs ( 0
Y - 7
Y ) will go low.
When enable input G1 is held low or either
A
2
G
or
2B
G
is
held high, decoding function is inhibited and all outputs go high.
G1,
A
2
G
, and
2B
G
inputs are provided to ease cascade
connection and for use as an address decoder for memory
systems.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: tpd = 5.9 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 8 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Symmetrical output impedance: |IOH| = IOL = 24 mA (min)
Capability of driving 50
Ω
transmission lines.
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2 to 5.5 V
• Pin and function compatible with 74F138
Note: xxxFN (JEDEC SOP) is not available in
Japan.
TC74AC138P
TC74AC138F
TC74AC138FN
TC74AC138FT
Weight
DIP16-P-300-2.54A
: 1.00 g (typ.)
SOP16-P-300-1.27A
: 0.18 g (typ.)
SOL16-P-150-1.27
: 0.13 g (typ.)
TSSOP16-P-0044-0.65A
: 0.06 g (typ.)


Número de pieza similar - TC74AC138P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74AC138P TOSHIBA-TC74AC138P Datasheet
285Kb / 7P
   3-TO-8 LINE DECODER
TC74AC138P TOSHIBA-TC74AC138P_12 Datasheet
231Kb / 9P
   3-to-8 Line Decoder
More results

Descripción similar - TC74AC138P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74ACT138FT TOSHIBA-TC74ACT138FT_07 Datasheet
274Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic 3-to-8 Line Decoder
TC74AC139P TOSHIBA-TC74AC139P_07 Datasheet
270Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-to-4 Line Decoder
TC74ACT139FN TOSHIBA-TC74ACT139FN_07 Datasheet
269Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-to-4 Line Decoder
TC74HC4028AP TOSHIBA-TC74HC4028AP_07 Datasheet
275Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic BCD-to-Decimal Decoder
TC74HC42AP TOSHIBA-TC74HC42AP_07 Datasheet
311Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic BCD to Decimal Decoder
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
TC7WU04F TOSHIBA-TC7WU04F_01 Datasheet
243Kb / 8P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 3 INVERTER
logo
KEC(Korea Electronics)
KIC7WU04FK KEC-KIC7WU04FK Datasheet
266Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(3 INVERTER)
KIC7W04FK KEC-KIC7W04FK Datasheet
293Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(3 INVERTERS)
logo
Toshiba Semiconductor
TC74HC279AP TOSHIBA-TC74HC279AP Datasheet
242Kb / 5P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com