Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC74AC139P Datasheet(PDF) 1 Page - Toshiba Semiconductor

No. de pieza TC74AC139P
Descripción Electrónicos  CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-to-4 Line Decoder
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74AC139P Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74AC139P Datasheet HTML 1Page - Toshiba Semiconductor TC74AC139P Datasheet HTML 2Page - Toshiba Semiconductor TC74AC139P Datasheet HTML 3Page - Toshiba Semiconductor TC74AC139P Datasheet HTML 4Page - Toshiba Semiconductor TC74AC139P Datasheet HTML 5Page - Toshiba Semiconductor TC74AC139P Datasheet HTML 6Page - Toshiba Semiconductor TC74AC139P Datasheet HTML 7Page - Toshiba Semiconductor TC74AC139P Datasheet HTML 8Page - Toshiba Semiconductor TC74AC139P Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TC74AC139P/F/FN/FT
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC139P,TC74AC139F,TC74AC139FN,TC74AC139FT
Dual 2-to-4 Line Decoder
The TC74AC139 is an advanced high speed CMOS 2-to-4 LINE
DECODER fabricated with silicon gate and double-layer metal
wiring C2MOS technology.
It achieves the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low power
dissipation.
The active low enable input can be used for gating or it can be
used as a data input for demultiplexing applications.
When the enable input is held “H”, all four outputs are fixed at
a high logic level independent of the other inputs.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: tpd = 5.9 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 8 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Symmetrical output impedance:
|IOH| = IOL = 24 mA (min) Capability of driving 50 Ω
transmission lines.
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2 V to 5.5 V
• Pin and function compatible with 74F139
Pin Assignment
Note: xxxFN (JEDEC SOP) is not available in
Japan.
TC74AC139P
TC74AC139F
TC74AC139FN
TC74AC139FT
Weight
DIP16-P-300-2.54A
: 1.00 g (typ.)
SOP16-P-300-1.27A
: 0.18 g (typ.)
SOL16-P-150-1.27
: 0.13 g (typ.)
TSSOP16-P-0044-0.65A
: 0.06 g (typ.)
(top view)
VCC
16
2A
2B
15
14
13
12
11
10
1
2
3
4
5
6
7
GND
8
9
1A
1B
G
1
0
Y
1
1
Y
1
2
Y
1
3
Y
1
G
2
0
Y
2
1
Y
2
2
Y
2
3
Y
2


Número de pieza similar - TC74AC139P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74AC139P TOSHIBA-TC74AC139P Datasheet
271Kb / 6P
   DUAL 2 - TO - 4 LINE DECODER
TC74AC139P TOSHIBA-TC74AC139P_12 Datasheet
233Kb / 8P
   Dual 2-to-4 Line Decoder
More results

Descripción similar - TC74AC139P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74ACT139FN TOSHIBA-TC74ACT139FN_07 Datasheet
269Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-to-4 Line Decoder
TC74AC138P TOSHIBA-TC74AC138P_07 Datasheet
277Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic 3-to-8 Line Decoder
TC74ACT138FT TOSHIBA-TC74ACT138FT_07 Datasheet
274Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic 3-to-8 Line Decoder
TC74HC4028AP TOSHIBA-TC74HC4028AP_07 Datasheet
275Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic BCD-to-Decimal Decoder
TC74HC42AP TOSHIBA-TC74HC42AP_07 Datasheet
311Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic BCD to Decimal Decoder
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
TC74ACT153F TOSHIBA-TC74ACT153F_07 Datasheet
330Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 4-Channel Multiplexer
TC74AC153P TOSHIBA-TC74AC153P_07 Datasheet
333Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 4-Channel Multiplexer
TC74HC279AP TOSHIBA-TC74HC279AP Datasheet
242Kb / 5P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC173AP TOSHIBA-TC74HC173AP Datasheet
283Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com