Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC74AC153P Datasheet(PDF) 1 Page - Toshiba Semiconductor

No. de pieza TC74AC153P
Descripción Electrónicos  CMOS Digital Integrated Circuit Silicon Monolithic Dual 4-Channel Multiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74AC153P Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74AC153P_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74AC153P_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74AC153P_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74AC153P_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74AC153P_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74AC153P_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74AC153P_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74AC153P_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74AC153P_07 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TC74AC153P/F/FN
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC153P,TC74AC153F,TC74AC153FN
Dual 4-Channel Multiplexer
The TC74AC153 is an advanced high speed CMOS DUAL
4-CHANNEL MULTIPLEXER fabricated with silicon gate and
double-layer metal wiring C2MOS technology.
It achieves the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low power
dissipation.
Each of these data (1C0-1C3, 2C0-2C3) is selected by the two
address inputs A and B.
Separate strobe inputs ( G
1 ,
G
2 ) are provided for each of the
two four-line sections.
The strobe input can be used to inhibit the data output; the
output is fixed in low level unconditionally.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: tpd = 3.9 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 8 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Symmetrical output impedance: |IOH| = IOL = 24 mA (min)
Capability of driving 50
Ω
transmission lines.
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2 to 5.5 V
• Pin and function compatible with 74F153
Pin Assignment
Note:
xxxFN (JEDEC SOP) is not available in
Japan.
TC74AC153P
TC74AC153F
TC74AC153FN
Weight
DIP16-P-300-2.54A
: 1.00 g (typ.)
SOP16-P-300-1.27A
: 0.18 g (typ.)
SOL16-P-150-1.27
: 0.13 g (typ.)


Número de pieza similar - TC74AC153P_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74AC153P TOSHIBA-TC74AC153P_12 Datasheet
271Kb / 8P
   Dual 4-Channel Multiplexer
More results

Descripción similar - TC74AC153P_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74ACT153F TOSHIBA-TC74ACT153F_07 Datasheet
330Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 4-Channel Multiplexer
TC7WH157FU TOSHIBA-TC7WH157FU_07 Datasheet
196Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic 2-Channel Multiplexer
TC74ACT151P TOSHIBA-TC74ACT151P_07 Datasheet
316Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Channel Multiplexer
TC74AC151F TOSHIBA-TC74AC151F_07 Datasheet
319Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Channel Multiplexer
TC7WH157FC TOSHIBA-TC7WH157FC Datasheet
144Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic 2-Channel Multiplexer
logo
KEC(Korea Electronics)
KIC7W53FK KEC-KIC7W53FK Datasheet
523Kb / 6P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-CHANNEL MULTIPLEXER/DEMULTIPLEXER)
logo
Toshiba Semiconductor
TC74ACT157P TOSHIBA-TC74ACT157P_07 Datasheet
292Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Channel Multiplexer
TC74AC157P TOSHIBA-TC74AC157P_07 Datasheet
273Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Channel Multiplexer
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
TC74ACT257P TOSHIBA-TC74ACT257P Datasheet
297Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic 2-Channel Multiplexer (3-state)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com