Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC74AC374FT Datasheet(PDF) 5 Page - Toshiba Semiconductor

No. de pieza TC74AC374FT
Descripción Electrónicos  CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip-Flop with 3-state Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74AC374FT Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC74AC374FT Datasheet HTML 1Page - Toshiba Semiconductor TC74AC374FT Datasheet HTML 2Page - Toshiba Semiconductor TC74AC374FT Datasheet HTML 3Page - Toshiba Semiconductor TC74AC374FT Datasheet HTML 4Page - Toshiba Semiconductor TC74AC374FT Datasheet HTML 5Page - Toshiba Semiconductor TC74AC374FT Datasheet HTML 6Page - Toshiba Semiconductor TC74AC374FT Datasheet HTML 7Page - Toshiba Semiconductor TC74AC374FT Datasheet HTML 8Page - Toshiba Semiconductor TC74AC374FT Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TC74AC374P/F/FT,534P/F
2007-10-01
5
Electrical Characteristics
DC Characteristics
Test Condition
Ta
= 25°C
Ta
= −40 to
85°C
Characteristics
Symbol
VCC
(V)
Min
Typ.
Max
Min
Max
Unit
High-level input
voltage
VIH
2.0
3.0
5.5
1.50
2.10
3.85
1.50
2.10
3.85
V
Low-level input
voltage
VIL
2.0
3.0
5.5
0.50
0.90
1.65
0.50
0.90
1.65
V
IOH = −50 μA
2.0
3.0
4.5
1.9
2.9
4.4
2.0
3.0
4.5
1.9
2.9
4.4
High-level output
voltage
VOH
VIN
= VIH or
VIL
IOH = −4 mA
IOH = −24 mA
IOH = −75 mA
(Note)
3.0
4.5
5.5
2.58
3.94
2.48
3.80
3.85
V
IOL = 50 μA
2.0
3.0
4.5
0.0
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
Low-level output
voltage
VOL
VIN
= VIH or
VIL
IOL = 12 mA
IOL = 24 mA
IOL = 75 mA
(Note)
3.0
4.5
5.5
0.36
0.36
0.44
0.44
1.65
V
3-state output
off-state current
IOZ
VIN = VIH or VIL
VOUT = VCC or GND
5.5
±0.5
±5.0
μA
Input leakage
current
IIN
VIN = VCC or GND
5.5
±0.1
±1.0
μA
Quiescent supply
current
ICC
VIN = VCC or GND
5.5
8.0
80.0
μA
Note:
This spec indicates the capability of driving 50
Ω transmission lines.
One output should be tested at a time for a 10 ms maximum duration.


Número de pieza similar - TC74AC374FT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74AC374FT TOSHIBA-TC74AC374FT Datasheet
321Kb / 7P
   OCTAL D - TYPE FLIP -FLOP WITH 3 STATE OUTPUT
More results

Descripción similar - TC74AC374FT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74AC574P TOSHIBA-TC74AC574P_07 Datasheet
236Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip-Flop with 3-State Output
TC74ACT574F TOSHIBA-TC74ACT574F_07 Datasheet
236Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip-Flop with 3-State Output
TC74ACT374P TOSHIBA-TC74ACT374P_07 Datasheet
236Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip-Flop with 3-State Output
TC74HC564AP TOSHIBA-TC74HC564AP_07 Datasheet
343Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Filp-Flop with 3-State Output
TC74AC377P TOSHIBA-TC74AC377P Datasheet
312Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip-Flop
TC74HC377AP TOSHIBA-TC74HC377AP_07 Datasheet
322Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip-Flop
TC74AC273P TOSHIBA-TC74AC273P_07 Datasheet
230Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip Flop with Clear
TC74ACT273P TOSHIBA-TC74ACT273P Datasheet
277Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip Flop with Clear
TC74ACT573P TOSHIBA-TC74ACT573P_07 Datasheet
235Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Latch with 3-State Output
TC74AC573P TOSHIBA-TC74AC573P_07 Datasheet
236Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Latch with 3-State Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com