Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLP192A Datasheet(PDF) 4 Page - Toshiba Semiconductor

No. de pieza TLP192A
Descripción Electrónicos  Measurement and Control Equipment
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP192A Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP192A Datasheet HTML 1Page - Toshiba Semiconductor TLP192A Datasheet HTML 2Page - Toshiba Semiconductor TLP192A Datasheet HTML 3Page - Toshiba Semiconductor TLP192A Datasheet HTML 4Page - Toshiba Semiconductor TLP192A Datasheet HTML 5Page - Toshiba Semiconductor TLP192A Datasheet HTML 6Page - Toshiba Semiconductor TLP192A Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TLP192A
2007-10-01
4
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Forward voltage
VF
IF = 10 mA
1.0
1.15
1.3
V
Reverse voltage
IR
VR = 5 V
10
μA
LED
Capacitance
CT
V
= 0, f = 1 MHz
30
pF
Off-state current
IOFF
VOFF = 60 V
1
μA
Detector
Capacitance
COFF
V
= 0, f = 1 MHz
130
pF
Coupled Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Trigger LED current
IFT
ION = 400 mA
1.6
3
mA
Return LED current
IFC
IOFF = 100 μA
0.1
mA
A connection
ION = 400 mA, IF= 5 mA
1
2
B connection
ION = 400 mA, IF= 5 mA
0.5
1
On-state resistance
C connection
RON
ION = 800 mA, IF= 5 mA
0.25
Ω
Isolation Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Capacitance input to output
CS
VS = 0 V, f = 1 MHz
0.8
pF
Isolation resistance
RS
VS = 500 V, R.H. <= 60%
5
× 1010
10
14
Ω
AC, 1 min
1500
AC, 1 s, in oil
3000
Vrms
Isolation voltage
BVS
DC, 1 min, in oil
3000
Vdc
Switching Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Turn-on time
tON
0.8
2
Turn-off time
tOFF
RL = 200 Ω
(Note 2)
VDD = 20 V, IF = 5 mA
0.1
0.5
ms
Note 2: Switching time test circuit
tOFF
tON
10%
90%
VOUT
IF
6
1
VDD
VOUT
RL
4
2
IF


Número de pieza similar - TLP192A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP192A TOSHIBA-TLP192A Datasheet
134Kb / 6P
   Photocoupler Photorelay
More results

Descripción similar - TLP192A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP222A TOSHIBA-TLP222A_07 Datasheet
187Kb / 6P
   Measurement and Control Equipment
TLP592A TOSHIBA-TLP592A_07 Datasheet
182Kb / 6P
   Measurement and Control Equipment
TLP202A TOSHIBA-TLP202A_07 Datasheet
160Kb / 4P
   Measurement and Control Equipment
TLP222AF TOSHIBA-TLP222AF Datasheet
181Kb / 6P
   Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
TLP592A TOSHIBA-TLP592A Datasheet
174Kb / 6P
   Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
TLP202A TOSHIBA-TLP202A_14 Datasheet
234Kb / 6P
   Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
CMZB390 TOSHIBA-CMZB390 Datasheet
168Kb / 5P
   Communication, Control and Measurement Equipment Constant Voltage Regulation
CMZB68 TOSHIBA-CMZB68 Datasheet
168Kb / 5P
   Communication, Control and Measurement Equipment Constant Voltage Regulation
CMZB82 TOSHIBA-CMZB82 Datasheet
168Kb / 5P
   Communication, Control and Measurement Equipment Constant Voltage Regulation
logo
List of Unclassifed Man...
B59701A70A62 ETC2-B59701A70A62 Datasheet
95Kb / 2P
   Measurement and Control
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com