Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLP197D Datasheet(PDF) 2 Page - Toshiba Semiconductor

No. de pieza TLP197D
Descripción Electrónicos  Measurement Equipment
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP197D Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP197D Datasheet HTML 1Page - Toshiba Semiconductor TLP197D Datasheet HTML 2Page - Toshiba Semiconductor TLP197D Datasheet HTML 3Page - Toshiba Semiconductor TLP197D Datasheet HTML 4Page - Toshiba Semiconductor TLP197D Datasheet HTML 5Page - Toshiba Semiconductor TLP197D Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TLP197D
2007-10-01
2
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Forward current
IF
50
mA
Forward current derating
(Ta >= 25°C)
ΔIF/°C
−0.5
mA/°C
Peak forward current
(100
μs pulse, 100 pps)
IFP
1
A
Reverse voltage
VR
5
V
Junction temperature
Tj
125
°C
Off-state output terminal voltage
VOFF
200
V
A connection
200
B connection
200
On-state current
C connection
ION
400
mA
A connection
−2.0
B connection
−2.0
On-state current
derating
(Ta >= 25°C)
C connection
ΔION/°C
−4.0
mA/°C
Junction temperature
Tj
125
°C
Operating temperature range
Topr
−40 to 85
°C
Storage temperature range
Tstg
−55 to 125
°C
Lead soldering temperature (10 s)
Tsol
260
°C
Isolation voltage
(AC, 1 min, R.H. <= 60%)
(Note 1)
BVS
1500
Vrms
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Pins 1, 2 and 3 are shorted together, and pins 4, 5 and 6 are shorted together.
Recommended Operating Conditions
Characteristics
Symbol
Min
Typ.
Max
Unit
Supply voltage
VDD
160
V
Forward current
IF
5
7.5
25
mA
On-state current
ION
130
mA
Operating temperature
Topr
−20
60
°C
Note: Recommended operating conditions are given as a design guideline to obtain expected performance of the
device. Additionally, each item is an independent guideline respectively. In developing designs using this
product, please confirm specified characteristics shown in this document.
Circuit Connections
A Connection
B Connection
C Connection
1
2
3
6
5
4
LOAD
AC
or
DC
1
2
3
6
5
4
LOAD
DC
1
2
3
6
5
4
LOAD
DC


Número de pieza similar - TLP197D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP197A TOSHIBA-TLP197A Datasheet
132Kb / 6P
   TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP197G TOSHIBA-TLP197G Datasheet
189Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET
TLP197G TOSHIBA-TLP197G Datasheet
181Kb / 6P
   Measurement Instrumentation
TLP197GA TOSHIBA-TLP197GA Datasheet
186Kb / 6P
   Measurement Instrumentation
TLP197G TOSHIBA-TLP197G_07 Datasheet
181Kb / 6P
   Measurement Instrumentation
More results

Descripción similar - TLP197D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP202G TOSHIBA-TLP202G_07 Datasheet
177Kb / 6P
   Measurement Equipment
TLP4027G TOSHIBA-TLP4027G_07 Datasheet
176Kb / 7P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4172G TOSHIBA-TLP4172G_07 Datasheet
161Kb / 6P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4222G TOSHIBA-TLP4222G_07 Datasheet
192Kb / 6P
   Telecommunication Measurement Equipment Security Equipment FA
TLP222AF TOSHIBA-TLP222AF Datasheet
181Kb / 6P
   Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
TLP592A TOSHIBA-TLP592A Datasheet
174Kb / 6P
   Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
TLP202A TOSHIBA-TLP202A_14 Datasheet
234Kb / 6P
   Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
TLP4202G TOSHIBA-TLP4202G Datasheet
134Kb / 6P
   Telecommunication Measurement Equipment Security Equipment FA
TLP222A TOSHIBA-TLP222A_07 Datasheet
187Kb / 6P
   Measurement and Control Equipment
TLP4007G TOSHIBA-TLP4007G_07 Datasheet
174Kb / 7P
   Telecommunication Measurement Equipment Security Equipment FA
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com