Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SA1314 Datasheet(PDF) 1 Page - Toshiba Semiconductor

No. de pieza 2SA1314
Descripción Electrónicos  Strobe Flash Applications Audio Power Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1314 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SA1314_07 Datasheet HTML 1Page - Toshiba Semiconductor 2SA1314_07 Datasheet HTML 2Page - Toshiba Semiconductor 2SA1314_07 Datasheet HTML 3Page - Toshiba Semiconductor 2SA1314_07 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SA1314
2006-11-09
1
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT process)
2SA1314
Strobe Flash Applications
Audio Power Applications
• High DC current gain and excellent linearity
: hFE (1) = 140 to 600 (VCE = −1 V, IC = −0.5 A)
: hFE (2) = 60 (min), 120 (typ.), (VCE = -1 V, IC = −4 A)
• Low saturation voltage
: VCE (sat) = −0.5 V (max) (IC = −2 A, IB = −50 mA)
• Small package
• Complementary to 2SC2982
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
−20
V
Collector-emitter voltage
VCEO
−10
V
Emitter-base voltage
VEBO
−6
V
DC
IC
−2
Collector current
Pulsed
(Note 1)
ICP
−4
A
Base current
IB
−2
A
PC
500
Collector power dissipation
PC
(Note 2)
1000
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note 1: Pulse test: pulse width = 10 mS (max), duty cycle = 30% (max)
Note 2: Mounted on a ceramic substrate (250 mm
2 × 0.8 t)
Note 3: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Unit: mm
PW-MINI
JEDEC
JEITA
SC-62
TOSHIBA
2-5K1A
Weight: 0.05 g (typ.)


Número de pieza similar - 2SA1314_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
2SA1314-A KEXIN-2SA1314-A Datasheet
1Mb / 2P
   PNP Transistors
2SA1314-B KEXIN-2SA1314-B Datasheet
1Mb / 2P
   PNP Transistors
2SA1314-C KEXIN-2SA1314-C Datasheet
1Mb / 2P
   PNP Transistors
2SA1314 KEXIN-2SA1314_15 Datasheet
1Mb / 2P
   PNP Transistors
More results

Descripción similar - 2SA1314_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
2SA1357 TOSHIBA-2SA1357_07 Datasheet
140Kb / 4P
   Strobe Flash Applications Audio Power Amplifier Applications
2SA1893 TOSHIBA-2SA1893_06 Datasheet
150Kb / 5P
   Strobe Flash Applications Audio Power Amplifier Applications
2SA1327A TOSHIBA-2SA1327A_06 Datasheet
140Kb / 4P
   Strobe Flash Applications Audio Power Amplifier Applications
2SA1314 TOSHIBA-2SA1314 Datasheet
164Kb / 3P
   TRANSISTOR (STROBE FLASH, AUDIO POWER APPLICATIONS)
2SA1357 TOSHIBA-2SA1357 Datasheet
151Kb / 2P
   TRANSISTOR (STROBE FLASH, AUDIO POWER AMPLIFIER APPLICATIONS)
2SA1327A TOSHIBA-2SA1327A Datasheet
152Kb / 2P
   TRANSISTOR (STROBE FLASH, AUDIO POWER AMPLIFIER APPLICATIONS)
2SC5030 TOSHIBA-2SC5030_04 Datasheet
146Kb / 5P
   Strobe Flash Applications
GT8G121 TOSHIBA-GT8G121_06 Datasheet
413Kb / 5P
   STROBE FLASH APPLICATIONS
GT5G133 TOSHIBA-GT5G133 Datasheet
230Kb / 6P
   Strobe Flash Applications
GT5G131 TOSHIBA-GT5G131 Datasheet
289Kb / 6P
   Strobe Flash Applications
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com