Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLP504A-2 Datasheet(PDF) 5 Page - Toshiba Semiconductor

No. de pieza TLP504A-2
Descripción Electrónicos  GaAs Ired & Photo−Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP504A-2 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLP504A-2 Datasheet HTML 1Page - Toshiba Semiconductor TLP504A-2 Datasheet HTML 2Page - Toshiba Semiconductor TLP504A-2 Datasheet HTML 3Page - Toshiba Semiconductor TLP504A-2 Datasheet HTML 4Page - Toshiba Semiconductor TLP504A-2 Datasheet HTML 5Page - Toshiba Semiconductor TLP504A-2 Datasheet HTML 6Page - Toshiba Semiconductor TLP504A-2 Datasheet HTML 7Page - Toshiba Semiconductor TLP504A-2 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TLP504A,TLP504A
−2
2007-10-01
5
Δ
VF/ΔTa – IF
0.1
-2.0
-2.4
-2.8
-0.4
0.3
-1.6
-1.2
-0.8
1
3
10
30
Forward current IF (mA)
IFP – VFP
Pulse forward voltage VFP (V)
1000
500
0
3
50
5
300
30
10
100
1
0.4
0.8
1.0
1.2
1.4
1.6
Pulse width ≤ 10μs
Repetitive frequency=100Hz
Ta = 25℃
Forward voltage VF (V)
IF – VF
100
50
0.4
0.3
5
0.5
30
3
1
10
0.1
0.6
0.8
1.0
1.2
1.4
1.6
Ta = 25℃
Duty cycle ratio DR
IFP – DR
5000
3000
3
3
10
-3
3
10
1000
500
30
100
50
300
10
-1
10
-2
3
10
0
Pulse width ≤ 100μs
Ta = 25℃
PC – Ta
Ambient temperature Ta (℃)
240
160
-20
0
120
80
40
120
100
80
60
20
40
0
200
TLP504A
TLP504A-2
IF – Ta
Ambient temperature Ta (℃)
100
80
-20
0
60
40
20
120
120
100
80
60
20
40
0
TLP504A
TLP504A-2


Número de pieza similar - TLP504A-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP504A-2 TOSHIBA-TLP504A-2 Datasheet
357Kb / 8P
   programmable controllers ac/dc-input module solid state relay
TLP504A-2GB TOSHIBA-TLP504A-2GB Datasheet
210Kb / 8P
   TOSHIBA Photocoupler GaAs Ired & Photo?뭈ransistor
More results

Descripción similar - TLP504A-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP280 TOSHIBA-TLP280_07 Datasheet
220Kb / 9P
   GaAs Ired & Photo−Transistor
TLP320 TOSHIBA-TLP320_07 Datasheet
231Kb / 7P
   GaAs Ired & Photo−Transistor
TLP330 TOSHIBA-TLP330_07 Datasheet
175Kb / 6P
   GaAs Ired & Photo−Transistor
TLP331 TOSHIBA-TLP331_07 Datasheet
193Kb / 8P
   GaAs Ired & Photo−Transistor
TLP421F TOSHIBA-TLP421F_07 Datasheet
145Kb / 3P
   GaAs IRed & Photo−Transistor
TLP523 TOSHIBA-TLP523_07 Datasheet
262Kb / 7P
   GaAs Ired & Photo−Transistor
TLP371 TOSHIBA-TLP371_07 Datasheet
211Kb / 8P
   GaAs Ired & Photo−Transistor
TLP180 TOSHIBA-TLP180_07 Datasheet
166Kb / 8P
   Photocoupler GaAs Ired & Photo−Transistor
TLP181 TOSHIBA-TLP181_02 Datasheet
152Kb / 9P
   GaAs Ired and Photo−Transistor
TLP181 TOSHIBA-TLP181_07 Datasheet
173Kb / 9P
   Photocoupler GaAs Ired & Photo−Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com