Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC74HCT573AF Datasheet(PDF) 4 Page - Toshiba Semiconductor

No. de pieza TC74HCT573AF
Descripción Electrónicos  Octal D-Type Latch with 3-State Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HCT573AF Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC74HCT573AF Datasheet HTML 1Page - Toshiba Semiconductor TC74HCT573AF Datasheet HTML 2Page - Toshiba Semiconductor TC74HCT573AF Datasheet HTML 3Page - Toshiba Semiconductor TC74HCT573AF Datasheet HTML 4Page - Toshiba Semiconductor TC74HCT573AF Datasheet HTML 5Page - Toshiba Semiconductor TC74HCT573AF Datasheet HTML 6Page - Toshiba Semiconductor TC74HCT573AF Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TC74HCT573AP/AF
2007-10-01
4
Timing Requirements (input: tr
= tf = 6 ns)
Test Condition
Ta
= 25°C
Ta
=
−40
~85°C
Characteristics
Symbol
VCC (V)
Typ.
Limit
Limit
Unit
Minimum pulse width
(LE)
tW (H)
4.5
5.5
15
14
19
17
ns
Minimum set-up time
(data)
ts
4.5
5.5
10
9
13
11
ns
Minimum hold time
(data)
th
4.5
5.5
5
5
5
5
ns
AC Characteristics (input: tr = tf = 6 ns)
Test Condition
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
CL (pF) VCC (V)
Min
Typ.
Max
Min
Max
Unit
Output transition time
tTLH
tTHL
50
4.5
5.5
7
6
12
11
15
14
ns
50
4.5
5.5
19
17
29
26
36
33
Propagation delay
time
(LE-Q)
tpLH
tpHL
150
4.5
5.5
24
22
37
34
46
43
ns
50
4.5
5.5
17
14
26
23
33
29
Propagation delay
time
(D-Q)
tpLH
tpHL
150
4.5
5.5
22
20
34
31
43
39
ns
50
4.5
5.5
18
15
27
24
34
30
Output enable time
tpZL
tpZH
RL = 1 kΩ
150
4.5
5.5
23
20
35
32
44
40
ns
Output disable time
tpLZ
tpHZ
RL = 1 kΩ
50
4.5
5.5
18
16
24
22
30
28
ns
Input capacitance
CIN
5
10
10
pF
Output capacitance
COUT
10
pF
Power dissipation
capacitance
CPD
(Note)
38
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC
And the total CPD when n pcs. of latch operate can be gained by the following equation:
CPD (total) = 25 + 13・n


Número de pieza similar - TC74HCT573AF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74HCT573AF TOSHIBA-TC74HCT573AF Datasheet
232Kb / 6P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC74HCT573AFW TOSHIBA-TC74HCT573AFW Datasheet
232Kb / 6P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
More results

Descripción similar - TC74HCT573AF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74VHC573F TOSHIBA-TC74VHC573F Datasheet
259Kb / 7P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC7MET573AFK TOSHIBA-TC7MET573AFK Datasheet
223Kb / 5P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
logo
ON Semiconductor
MC74VHCT573A ONSEMI-MC74VHCT573A Datasheet
171Kb / 7P
   Octal D-Type Latch with 3-State Output
REV 0
logo
Toshiba Semiconductor
TC7MET573AFK TOSHIBA-TC7MET573AFK_07 Datasheet
187Kb / 7P
   Octal D-Type Latch with 3-State Output
TC74VHC573F TOSHIBA-TC74VHC573F_07 Datasheet
232Kb / 10P
   Octal D-Type Latch with 3-State Output
logo
ON Semiconductor
MC74VHC573 ONSEMI-MC74VHC573_11 Datasheet
149Kb / 9P
   Octal D-Type Latch with 3-State Output
May, 2011 ??Rev. 6
logo
Toshiba Semiconductor
TC74VHC373F TOSHIBA-TC74VHC373F Datasheet
260Kb / 7P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC74VHCT573AF TOSHIBA-TC74VHCT573AF Datasheet
258Kb / 6P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC74LVX373F TOSHIBA-TC74LVX373F_07 Datasheet
211Kb / 9P
   Octal D-Type Latch with 3-State Output
TC74VHCT373AF TOSHIBA-TC74VHCT373AF_07 Datasheet
228Kb / 9P
   Octal D-Type Latch with 3-State Output
TC7MET373AFK TOSHIBA-TC7MET373AFK Datasheet
188Kb / 7P
   Octal D-Type Latch with 3-State Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com