Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC74HCU04AP Datasheet(PDF) 1 Page - Toshiba Semiconductor |
|
TC74HCU04AP Datasheet(HTML) 1 Page - Toshiba Semiconductor |
1 / 9 page TC74HCU04AP/AF/AFN/AFT 2007-10-01 1 TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic TC74HCU04AP,TC74HCU04AF,TC74HCU04AFN, TC74HCU04AFT Hex Inverter The TC74HCU04A is a high speed CMOS INVERTER fabricated with silicon gate C2MOS technology. It achieves the high speed operation similar to equivalent LSTTL while maintaining the CMOS low power dissipation. Since the internal circit is composed of a single stage inverter, it can be used in analog applications such as crystal oscllators. All inputs are equipped with protection circuits against static discharge or transient excess voltage. Features • High speed: tpd = 4 ns (typ.) at VCC = 5 V • Low power dissipation: ICC = 1 μA (max) at Ta = 25°C • High noise immunity: VNIH = VNIH = 10% VCC (min) • Output drive capability: 10 LSTTL loads • Symmetrical output impedance: |IOH| = IOL = 4 mA (min) • Balanced propagation delays: tpLH ∼− tpHL • Wide operating voltage range: VCC (opr) = 2 to 6 V • Pin and function compatible with 74LS04 Pin Assignment Weight DIP14-P-300-2.54 : 0.96 g (typ.) SOP14-P-300-1.27A : 0.18 g (typ.) SOL14-P-150-1.27 : 0.12 g (typ.) TSSOP14-P-0044-0.65A : 0.06 g (typ.) Note: xxxFN (JEDEC SOP) is not available in Japan. TC74HCU04AP TC74HCU04AF TC74HCU04AFN TC74HCU04AFT |
Número de pieza similar - TC74HCU04AP_07 |
|
Descripción similar - TC74HCU04AP_07 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |