Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLP361J Datasheet(PDF) 2 Page - Toshiba Semiconductor

No. de pieza TLP361J
Descripción Electrónicos  GaAs Ired & Photo-Triac
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP361J Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP361J_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP361J_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP361J_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP361J_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP361J_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP361J_07 Datasheet HTML 6Page - Toshiba Semiconductor TLP361J_07 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TLP361J
2007-10-01
2
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Forward current
IF
50
mA
Forward current derating (Ta ≥ 53°C)
∆IF /°C
−0.7
mA /°C
Peak forward current (100 μs pulse, 100 pps)
IFP
1
A
Reverse voltage
VR
5
V
Junction temperature
Tj
125
°C
Off-state output terminal voltage
VDRM
600
V
Ta = 25°C
100
On-state RMS current
Ta = 70°C
IT(RMS)
50
mA
On-state current derating (Ta ≥ 25°C)
∆IT/°C
-1.1
mA /°C
Peak on-state current (100 μs pulse, 120 pps)
ITP
2
A
Peak nonrepetitive surge current (Pw = 10 ms, DC = 10%)
ITSM
1.2
A
Junction temperature
Tj
115
°C
Storage temperature range
Tstg
−55~125
°C
Operating temperature range
Topr
−40~100
°C
Lead soldering temperature (10s)
Tsol
260
°C
Isolation voltage (AC, 1 min., R.H.≤ 60%)
(Note 1)
BVS
5000
Vrms
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Pins 1 and 2 are shorted together and pins 3 and 4 are shorted together.
Recommended Operating Conditions
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
VAC
240
Vac
Forward current
IF
15
20
25
mA
Peak on-state current
ITP
1
A
Operating temperature
Topr
−25
85
°C
Note: Recommended operating conditions are given as a design guideline to obtain expected performance of the
device. Additionally, each item is an independent guideline respectively. In developing designs using this
product, please confirm specified characteristics shown in this document.


Número de pieza similar - TLP361J_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP361JF TOSHIBA-TLP361JF Datasheet
140Kb / 2P
   GaAs Ired & Photo-Triac
TLP361J TOSHIBA-TLP361J_14 Datasheet
207Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo-Triac
More results

Descripción similar - TLP361J_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP363J TOSHIBA-TLP363J Datasheet
182Kb / 7P
   GaAs Ired & Photo-Triac
TLP260J TOSHIBA-TLP260J_07 Datasheet
199Kb / 6P
   GaAs IRED Photo-Triac
TLP361JF TOSHIBA-TLP361JF Datasheet
140Kb / 2P
   GaAs Ired & Photo-Triac
TLP360J TOSHIBA-TLP360J_07 Datasheet
158Kb / 6P
   GaAs Ired & Photo-Triac
TLP360JF TOSHIBA-TLP360JF Datasheet
120Kb / 2P
   GaAs Ired & Photo-Triac
TLP363JF TOSHIBA-TLP363JF Datasheet
140Kb / 2P
   GaAs Ired & Photo-Triac
TLP560J TOSHIBA-TLP560J_07 Datasheet
188Kb / 6P
   GaAs Ired & Photo−Triac
TLP525G TOSHIBA-TLP525G_07 Datasheet
566Kb / 6P
   GaAs IRed & Photo−Triac
TLP560G TOSHIBA-TLP560G_07 Datasheet
205Kb / 6P
   GaAs Ired & Photo−Triac
TLP763J TOSHIBA-TLP763J_07 Datasheet
159Kb / 5P
   GaAs Ired & Photo−Triac
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com