Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLP350 Datasheet(PDF) 8 Page - Toshiba Semiconductor

No. de pieza TLP350
Descripción Electrónicos  GaA?밃s IRED Photo IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP350 Datasheet(HTML) 8 Page - Toshiba Semiconductor

  TLP350_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP350_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP350_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP350_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP350_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP350_07 Datasheet HTML 6Page - Toshiba Semiconductor TLP350_07 Datasheet HTML 7Page - Toshiba Semiconductor TLP350_07 Datasheet HTML 8Page - Toshiba Semiconductor TLP350_07 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
TLP350
2007-10-01
8
IOPL-Ta
IOPH-Ta
0
1
2
3
4
5
-40
-20
0
20
40
60
80
100
-5
-4
-3
-2
-1
0
-40
-20
0
20406080
100
Ambient Temperature Ta(°C)
Ambient Temperature Ta(°C)
IOPL-VOL
IOPH-VOH
0.0
1.0
2.0
3.0
4.0
5.0
00.5
11.5
22.5
-6.0
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
-2.5
-2
-1.5
-1
-0.5
0
Low Level Output Peak Current IOPL(A)
High Level Output Peak Current IOPH(A)
VCC-VO(VUVLO)**
0
5
10
15
20
2
4
6
8
10
12
14
**Test Circuit : VCC-VO(VUVLO)
Supply Voltage VCC (V)
*: The above graphs show typical characteristics.
V6-5=2.5V
V6-5=7.0V
V8-6=7.0V
V8-6=-3.5V
Ta=25°C
Ta=100°C
Ta=-40°C
Ta=100°C
Ta=-40°C
Ta=25°C
IF = 5mA , Vo > 2.5V
+VUVLO
-VUVLO
UVLOHYS
1
4
5
8
VO
VCC
IF
IF=0mA,VCC=15V
IF=5mA,VCC=15V
IF=0mA,VCC=15V
IF=5mA,VCC=15V
IOPL
MAX
IOPH
MAX
(Note:8)
(Note:8)
(Note:8)
(Note:8)


Número de pieza similar - TLP350_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP3502 TOSHIBA-TLP3502 Datasheet
156Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP3503 TOSHIBA-TLP3503 Datasheet
166Kb / 6P
   TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP3506 TOSHIBA-TLP3506 Datasheet
147Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP3507 TOSHIBA-TLP3507 Datasheet
271Kb / 6P
   TRIAC DRIVER PROGRAMMABLE CONTROLLERS AC-OUTPUT MODULE SOLID STATE RELAY
TLP350F TOSHIBA-TLP350F Datasheet
150Kb / 2P
   GaA?밃s IRED Photo IC
More results

Descripción similar - TLP350_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP351 TOSHIBA-TLP351_07 Datasheet
222Kb / 8P
   GaA?밃s IRED Photo IC
TLP751 TOSHIBA-TLP751_07 Datasheet
499Kb / 7P
   GaA?밃s Ired Photo IC
TLP250 TOSHIBA-TLP250_07 Datasheet
195Kb / 7P
   GaA?밃s Ired & Photo-IC
TLP350F TOSHIBA-TLP350F Datasheet
150Kb / 2P
   GaA?밃s IRED Photo IC
TLP251 TOSHIBA-TLP251_07 Datasheet
210Kb / 7P
   GaA?밃s Ired & Photo-IC
TLP351F TOSHIBA-TLP351F Datasheet
115Kb / 2P
   GaA?밃s IRED Photo IC
TLP108 TOSHIBA-TLP108 Datasheet
271Kb / 6P
   PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP2451 TOSHIBA-TLP2451 Datasheet
283Kb / 11P
   Photocoupler GaA?밃s IRED Photo IC
TLP2116 TOSHIBA-TLP2116 Datasheet
220Kb / 6P
   PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP2095 TOSHIBA-TLP2095 Datasheet
360Kb / 11P
   PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com