Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TA58L06S Datasheet(PDF) 8 Page - Toshiba Semiconductor |
|
TA58L06S Datasheet(HTML) 8 Page - Toshiba Semiconductor |
8 / 12 page TA58L05, 06, 08, 09, 10, 12, 15S 2006-11-02 8 Electrical Characteristics Common to All Products • Tj = 25°C in the measurement conditions of each item is the standard condition when a pulse test is carried out, and any drift in the electrical characteristic due to a rise in the junction temperature of the chip may be disregarded. Standard Application Circuit • Place CIN as close as possible to the input terminal and GND. Place COUT as close as possible to the output terminal and GND. Although capacitor COUT acts to smooth the dc output voltage during suspension of output oscillation or load change, it might cause output oscillation in a cold environment due to increased capactor ESR. It is therefore recommended to use a capacitor with small variations temperature sensitivity. Also, ensure that the regulator performance is satisfactory over the operating temperature range of the target system.. CIN 0.1 μF IN OUT GND Load COUT More than 33 μF TA58L**S |
Número de pieza similar - TA58L06S |
|
Descripción similar - TA58L06S |