Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA58M08S Datasheet(PDF) 5 Page - Toshiba Semiconductor

No. de pieza TA58M08S
Descripción Electrónicos  500 mA Low Dropout Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA58M08S Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TA58M08S Datasheet HTML 1Page - Toshiba Semiconductor TA58M08S Datasheet HTML 2Page - Toshiba Semiconductor TA58M08S Datasheet HTML 3Page - Toshiba Semiconductor TA58M08S Datasheet HTML 4Page - Toshiba Semiconductor TA58M08S Datasheet HTML 5Page - Toshiba Semiconductor TA58M08S Datasheet HTML 6Page - Toshiba Semiconductor TA58M08S Datasheet HTML 7Page - Toshiba Semiconductor TA58M08S Datasheet HTML 8Page - Toshiba Semiconductor TA58M08S Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TA58M05, 06, 08, 09, 10, 12, 15S
2006-11-06
5
TA58M08S
Electrical Characteristics (unless otherwise specified, Tj = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
VIN = 16 V, IOUT = 250 mA
7.76
8.00
8.24
Output voltage
VOUT
9 V <= VIN <= 26 V, IOUT = 250 mA,
-40°C <= Tj <= 105°C
7.68
8.00
8.32
V
12 V <= VIN <= 19 V, IOUT = 250 mA
2
20
Line regulation
Reg・line
9 V <= VIN <= 26 V, IOUT = 250 mA
5
30
mV
Load regulation
Reg・load
VIN = 16 V, 5 mA <= IOUT <= 500 mA
20
70
mV
9 V <= VIN <= 26 V, IOUT = 0 A
0.5
1.0
Quiescent current
IB
9 V <= VIN <= 26 V, IOUT = 500 mA
35
80
mA
IOUT = 250 mA
0.22
0.35
Dropout voltage
VD
IOUT = 500 mA
0.42
0.65
V
TA58M09S
Electrical Characteristics (unless otherwise specified, Tj = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
VIN = 16 V, IOUT = 250 mA
8.73
9.00
9.27
Output voltage
VOUT
10 V <= VIN <= 26 V, IOUT = 250 mA,
-40°C <= Tj <= 105°C
8.64
9.00
9.36
V
13 V <= VIN <= 20 V, IOUT = 250 mA
2
20
Line regulation
Reg・line
10 V <= VIN <= 26 V, IOUT = 250 mA
5
30
mV
Load regulation
Reg・load
VIN = 16 V, 5 mA <= IOUT <= 500 mA
20
70
mV
10 V <= VIN <= 26 V, IOUT = 0 A
0.6
1.0
Quiescent current
IB
10 V <= VIN <= 26 V, IOUT = 500 mA
35
80
mA
IOUT = 250 mA
0.22
0.35
Dropout voltage
VD
IOUT = 500 mA
0.42
0.65
V


Número de pieza similar - TA58M08S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA58M08F TOSHIBA-TA58M08F Datasheet
220Kb / 12P
   500 mA Low Dropout Voltage Regulator
More results

Descripción similar - TA58M08S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA58M05F TOSHIBA-TA58M05F Datasheet
220Kb / 12P
   500 mA Low Dropout Voltage Regulator
logo
Microchip Technology
MIC5237 MICROCHIP-MIC5237 Datasheet
1Mb / 18P
   500 mA Low Dropout Regulator
09/14/21
logo
National Semiconductor ...
LM2937 NSC-LM2937 Datasheet
308Kb / 11P
   500 mA Low Dropout Regulator
logo
Texas Instruments
LM2937 TI-LM2937_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low Dropout Regulator
LM2937ET-5.0 TI1-LM2937ET-5.0 Datasheet
1Mb / 24P
[Old version datasheet]   LM2937 500 mA Low Dropout Regulator
TPS74701 TI1-TPS74701_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low-Dropout Linear Regulator
TL5209 TI-TL5209 Datasheet
371Kb / 22P
[Old version datasheet]   500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR WITH SHUTDOWN
TL5209 TI-TL5209_10 Datasheet
501Kb / 21P
[Old version datasheet]   500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR WITH SHUTDOWN
logo
Analog Devices
ADP1716 AD-ADP1716 Datasheet
589Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1716 AD-ADP1716_15 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com