Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA78L05PF Datasheet(PDF) 1 Page - Toshiba Semiconductor

No. de pieza TA78L05PF
Descripción Electrónicos  3-Terminal Positive Voltage Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA78L05PF Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TA78L05PF Datasheet HTML 1Page - Toshiba Semiconductor TA78L05PF Datasheet HTML 2Page - Toshiba Semiconductor TA78L05PF Datasheet HTML 3Page - Toshiba Semiconductor TA78L05PF Datasheet HTML 4Page - Toshiba Semiconductor TA78L05PF Datasheet HTML 5Page - Toshiba Semiconductor TA78L05PF Datasheet HTML 6Page - Toshiba Semiconductor TA78L05PF Datasheet HTML 7Page - Toshiba Semiconductor TA78L05PF Datasheet HTML 8Page - Toshiba Semiconductor TA78L05PF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TA78L05,06,07,08,09,10,12,15PF
2007-07-02
1
*
() on the lower left of the marking indicates Pin 1.
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA78L05PF, TA78L06PF, TA78L07PF, TA78L08PF,
TA78L09PF, TA78L10PF, TA78L12PF, TA78L15PF
5 V, 6 V, 7V, 8 V, 9 V, 10 V, 12 V, 15V
3-Terminal Positive Voltage Regulators
Housed in a very small and thin PS-8 package, the TA78L**PF
series of fixed-voltage monolithic integrated circuit voltage
regulators is designed for a wide range of applications. One of
these regulators can drive up to 0.15 A of output current.
The series offers devices with low-output voltages: 5 V, 6 V, 7 V, 8
V, 9 V, 10 V, 12 V, and 15 V.
Features
• Maximum output current: 0.15 A
• Output voltage accuracy: VOUT ± 4% (@Tj = 25°C)
• Protection function: overheating/overcurrent
• Package type: PS-8 is a flat lead, 8-pin package.
This is smaller and thinner than the previous PW-Mini,
with a 47% decrease in height and a 54% decrease in mounting area.
• Lead-free products
Pin Assignment/Marking
Product No.
Marking (5 digits)
TA78L05PF
78L05
TA78L06PF
78L06
TA78L07PF
78L07
TA78L08PF
78L08
TA78L09PF
78L09
TA78L10PF
78L10
TA78L12PF
78L12
TA78L15PF
78L15
How to Order
Product No.
Packing Type and Unit for Orders
TA78L**PF (TE85L,F)
Embossed-tape packing: 2000 (1 tape)
Note 1: In the actual product number, ”**” is replaced by the output voltage of the product.
Weight: 0.08 g (typ.)
SON8-P-0303-0.65(PS-8)
Marking (5 digits)
Lot No. (3 digits)
1-3: GND
4: OUT
5: IN
6-8: GND
* Weekly code: (Three digits)
Week of manufacture
(01 for the first week of the year, continuing up to 52 or 53)
Year of manufacture
(Lowest-order digit of the calendar year)
1
234
5
6
7
8


Número de pieza similar - TA78L05PF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA78L05 TOSHIBA-TA78L05 Datasheet
390Kb / 19P
   Bipolar Linear Integrated Circuit Silicon Monolithic
TA78L05F TOSHIBA-TA78L05F Datasheet
582Kb / 17P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
TA78L05F TOSHIBA-TA78L05F Datasheet
390Kb / 19P
   Bipolar Linear Integrated Circuit Silicon Monolithic
TA78L05FTE12L TOSHIBA-TA78L05FTE12L Datasheet
390Kb / 19P
   Bipolar Linear Integrated Circuit Silicon Monolithic
TA78L05S TOSHIBA-TA78L05S Datasheet
424Kb / 12P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
More results

Descripción similar - TA78L05PF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM341-12 TI1-LM341-12 Datasheet
729Kb / 13P
[Old version datasheet]   3-Terminal Positive Voltage Regulators
logo
GTM CORPORATION
G3U78XXA GTM-G3U78XXA Datasheet
206Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GI78XX GTM-GI78XX Datasheet
201Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XX GTM-GJ78XX Datasheet
197Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XXA GTM-GJ78XXA Datasheet
168Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Bookly Micro electronic
BM7805 BOOKLY-BM7805 Datasheet
222Kb / 8P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
GTM CORPORATION
GE78XX GTM-GE78XX Datasheet
207Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
G3U78XX GTM-G3U78XX Datasheet
231Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GU78XX GTM-GU78XX Datasheet
240Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
AX78LXX ETC-AX78LXX Datasheet
223Kb / 10P
   3-Terminal Positive Voltage Regulators
AX78XX ETC-AX78XX Datasheet
222Kb / 11P
   3-Terminal Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com