Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA78M05F Datasheet(PDF) 6 Page - Toshiba Semiconductor

No. de pieza TA78M05F
Descripción Electrónicos  Output Current of 0.5 A, Three-Terminal Positive Voltage Regulators
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA78M05F Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TA78M05F_07 Datasheet HTML 2Page - Toshiba Semiconductor TA78M05F_07 Datasheet HTML 3Page - Toshiba Semiconductor TA78M05F_07 Datasheet HTML 4Page - Toshiba Semiconductor TA78M05F_07 Datasheet HTML 5Page - Toshiba Semiconductor TA78M05F_07 Datasheet HTML 6Page - Toshiba Semiconductor TA78M05F_07 Datasheet HTML 7Page - Toshiba Semiconductor TA78M05F_07 Datasheet HTML 8Page - Toshiba Semiconductor TA78M05F_07 Datasheet HTML 9Page - Toshiba Semiconductor TA78M05F_07 Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
TA78M05,06,08,09,10,12,15,18,20,24F
2007-02-19
6
TA78M09F
Electrical Characteristics
(Unless otherwise specified, VIN = 15 V, IOUT = 350 mA, 0°C Tj 125°C, CIN = 0.33 μF,
COUT = 0.1 μF)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Output voltage
VOUT
1
Tj = 25°C
8.64
9.0
9.36
V
11.5 V ≤ VIN ≤ 26 V,
IOUT = 200 mA
5
100
Line regulation
Reg·line
1
Tj = 25°C
13 V ≤ VIN ≤ 26 V,
IOUT = 200 mA
3
50
mV
5 mA ≤ IOUT ≤ 500 mA
26
180
Load regulation
Reg·load
1
Tj = 25°C
5 mA ≤ IOUT ≤ 200 mA
10
90
mV
Output voltage
VOUT
1
Tj = 25°C
11.5 V ≤ VIN ≤ 24 V,
5 mA ≤ IOUT ≤ 350 mA
8.55
9.45
V
Quiescent current
IB
1
Tj = 25°C
4.6
8.0
mA
Line
ΔIBI
1
12 V ≤ VIN ≤ 26.5 V,
IOUT = 200 mA
0.8
Quiescent current
change
Load
ΔIBO
1
Tj = 25°C
5 mA ≤ IOUT ≤ 350 mA
0.5
mA
Output noise voltage
VNO
2
Ta = 25°C, 10 Hz ≤ f ≤ 100 kHz
60
270
μVrms
Ripple rejection
R.R.
3
f = 120 Hz, IOUT = 100 mA,
12.5 V ≤ VIN ≤ 22.5 V, Tj = 25°C
54
61
dB
Short circuit current limit
ISC
1
Tj = 25°C
960
mA
Dropout voltage
VD
1
Tj = 25°C
1.7
V
Average temperature
coefficient of output voltage
TCVO
1
IOUT = 5 mA
−1.1
mV/°C


Número de pieza similar - TA78M05F_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA78M05F TOSHIBA-TA78M05F Datasheet
669Kb / 20P
   0.5A THREE TERMINAL POSITIVE VOLTAGE REGULATORS
More results

Descripción similar - TA78M05F_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA78M05SB TOSHIBA-TA78M05SB_07 Datasheet
769Kb / 20P
   Output Current of 0.5 A, Three-Terminal Positive Voltage Regulators
logo
Integral Corp.
IL317 INTEGRAL-IL317 Datasheet
105Kb / 2P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cypress Semiconductor
LM317L3 CYPRESS-LM317L3 Datasheet
213Kb / 9P
   Three Terminal Adjustable Output Positive Voltage Regulators
logo
KODENSHI_AUK CORP.
KK317 KODENSHI-KK317 Datasheet
195Kb / 4P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM317LA3 CYSTEKEC-LM317LA3 Datasheet
353Kb / 12P
   Three Terminal Adjustable Output Positive Voltage Regulators
PL317E3 CYSTEKEC-PL317E3 Datasheet
193Kb / 9P
   Three Terminal Adjustable Output Positive Voltage Regulators
logo
List of Unclassifed Man...
EP1017 ETC2-EP1017 Datasheet
376Kb / 8P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM78M05J3 CYSTEKEC-LM78M05J3 Datasheet
466Kb / 12P
   Three Terminal Medium Current Positive Voltage Regulators
LM78MXXJ3 CYSTEKEC-LM78MXXJ3 Datasheet
466Kb / 12P
   Three Terminal Medium Current Positive Voltage Regulators
logo
Toshiba Semiconductor
TA79005SB TOSHIBA-TA79005SB_07 Datasheet
601Kb / 13P
   Output Current of 1A, Three-Terminal Negative Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com