Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA78L10PF Datasheet(PDF) 9 Page - Toshiba Semiconductor

No. de pieza TA78L10PF
Descripción Electrónicos  3-Terminal Positive Voltage Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA78L10PF Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TA78L10PF Datasheet HTML 5Page - Toshiba Semiconductor TA78L10PF Datasheet HTML 6Page - Toshiba Semiconductor TA78L10PF Datasheet HTML 7Page - Toshiba Semiconductor TA78L10PF Datasheet HTML 8Page - Toshiba Semiconductor TA78L10PF Datasheet HTML 9Page - Toshiba Semiconductor TA78L10PF Datasheet HTML 10Page - Toshiba Semiconductor TA78L10PF Datasheet HTML 11Page - Toshiba Semiconductor TA78L10PF Datasheet HTML 12Page - Toshiba Semiconductor TA78L10PF Datasheet HTML 13Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
TA78L05,06,07,08,09,10,12,15PF
2007-07-02
9
JUNCTION TEMPERATURE Tj (°C)
IB – Tj
−50
0
50
100
0
1
2
3
4
TA78L05PF
VIN = 10 V
IOUT = 5 mA
150
OUTPUT CURRENT IOUT (mA)
VD – IOUT
0
30
90
150
120
0
1.5
2.0
2.5
125℃
25℃
Tj=-30℃
1.0
60
0.5
AMBIENT TEMPERATURE Ta (°C)
PDmax – Ta
JUNCTION TEMPERATURE Tj (°C)
VD – Tj
JUNCTION TEMPERATURE Tj (°C)
VOUT – Tj
5.1
4.5
4.7
4.9
5.3
5.5
−50
0
100
50
150
TA78L05PF
VIN = 10 V
IOUT = 5 mA
INPUT VOLTAGE VIN (V)
VOUT – VIN
0
2
6
10
8
0
4
6
8
TA78L05PF
Tj
= 25°C
100mA
40mA
IOUT = 1mA
2
4
150
−50
25
50
100
2.0
0
0.5
1.0
2.5
1mA
40mA
IOUT =70mA
1.5
0
0.4
1.2
1.6
0
40
80
120
160
200
SUBSTRATE SIZE
:25.4
× 25.4 × 1.6 mm t
SUBSTRATE QUALITY
: GLASS EPOXY
COPPER BASE THICKNESS
: 35um
0.8


Número de pieza similar - TA78L10PF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA78L10 TOSHIBA-TA78L10 Datasheet
390Kb / 19P
   Bipolar Linear Integrated Circuit Silicon Monolithic
TA78L10F TOSHIBA-TA78L10F Datasheet
582Kb / 17P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
TA78L10F TOSHIBA-TA78L10F Datasheet
390Kb / 19P
   Bipolar Linear Integrated Circuit Silicon Monolithic
TA78L10S TOSHIBA-TA78L10S Datasheet
424Kb / 12P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
More results

Descripción similar - TA78L10PF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM341-12 TI1-LM341-12 Datasheet
729Kb / 13P
[Old version datasheet]   3-Terminal Positive Voltage Regulators
logo
GTM CORPORATION
G3U78XXA GTM-G3U78XXA Datasheet
206Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GI78XX GTM-GI78XX Datasheet
201Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XX GTM-GJ78XX Datasheet
197Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XXA GTM-GJ78XXA Datasheet
168Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Bookly Micro electronic
BM7805 BOOKLY-BM7805 Datasheet
222Kb / 8P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
GTM CORPORATION
GE78XX GTM-GE78XX Datasheet
207Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
G3U78XX GTM-G3U78XX Datasheet
231Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GU78XX GTM-GU78XX Datasheet
240Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
AX78LXX ETC-AX78LXX Datasheet
223Kb / 10P
   3-Terminal Positive Voltage Regulators
AX78XX ETC-AX78XX Datasheet
222Kb / 11P
   3-Terminal Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com