Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA1290FN Datasheet(PDF) 6 Page - Toshiba Semiconductor

No. de pieza TA1290FN
Descripción Electrónicos  PIF IC FOR TV
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1290FN Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TA1290FN_01 Datasheet HTML 2Page - Toshiba Semiconductor TA1290FN_01 Datasheet HTML 3Page - Toshiba Semiconductor TA1290FN_01 Datasheet HTML 4Page - Toshiba Semiconductor TA1290FN_01 Datasheet HTML 5Page - Toshiba Semiconductor TA1290FN_01 Datasheet HTML 6Page - Toshiba Semiconductor TA1290FN_01 Datasheet HTML 7Page - Toshiba Semiconductor TA1290FN_01 Datasheet HTML 8Page - Toshiba Semiconductor TA1290FN_01 Datasheet HTML 9Page - Toshiba Semiconductor TA1290FN_01 Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TA1290FN
2001-02-26 6/13
AC CHARACTERISTICS (Unless otherwise specified, VCC = 9V, Ta = 25°C)
PIF CHARACTERISTICS (Using recommended coil)
CHARACTERISTICS
SYMBOL
TEST
CIR-
CUIT
TEST CONDITION
MIN
TY.P
MAX
UNIT
Input Signal Voltage sensitivity
Vin Min
(Note 1)
36
41
46
dBµV
Maximum Input Signal Voltage
Vin Max
(Note 2)
100
110
dBµV
Differential Gain
DG
8
%
Differential phase
DP
(Note 3)
6
°
Output Voltage at No Signal
V14, V15
(Note 4)
4.0
4.6
5.2
V
Sync. Voltage Level
Vsync
(Note 5)
2.0
2.3
2.6
V
Output Signal Voltage
Vout
(Note 6)
1.7
2.0
2.3
Vp-p
White Noise Inverter Level
Vwth
5.0
White Noise Clamp Level
Vwcl
3.8
Black Noise Inverter Level
Vbth
0.9
1.2
1.5
Black Noise Clamp Level
Vbcl
(Note 7)
3.2
3.5
3.8
V
Suppression of Career
CR
(Note 8)
40
dB
Suppression of Career Harmonics
HR
(Note 9)
40
dB
AFT Control Steepness
∆f / ∆V
(Note 10)
20
30
kHz / V
Min.
Vl
0.1
0.5
AFT Output
Max.
Vh
8.4
8.7
V
Intermodulation
IM
2
(Note 11)
30
38
dB


Número de pieza similar - TA1290FN_01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA1290FN TOSHIBA-TA1290FN Datasheet
404Kb / 13P
   PIF IC FOR TV
More results

Descripción similar - TA1290FN_01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA1290FN TOSHIBA-TA1290FN Datasheet
404Kb / 13P
   PIF IC FOR TV
TA8700AN TOSHIBA-TA8700AN Datasheet
540Kb / 16P
   PIF/SIF IC FOR TV/VTR
TA8800N TOSHIBA-TA8800N Datasheet
838Kb / 21P
   PLL PIF/SIF IC FOR TV/VTR
TA8800N TOSHIBA-TA8800N_01 Datasheet
857Kb / 22P
   PLL PIF/SIF IC FOR TV/VTR
TA8701AN TOSHIBA-TA8701AN Datasheet
607Kb / 18P
   PIF/SIF ATT IC FOR TV/VTR
TA8712N TOSHIBA-TA8712N Datasheet
521Kb / 12P
   PIF QIF SYSTEM FOR TV
logo
Samsung semiconductor
KSC1188 SAMSUNG-KSC1188 Datasheet
73Kb / 2P
   NPN (TV PIF AMPLIFIER)
logo
Fujitsu Component Limit...
F811CPL FUJITSU-F811CPL Datasheet
89Kb / 5P
   IF Filter for TV(PIFSIF)
logo
NTE Electronics
NTE15003 NTE-NTE15003 Datasheet
25Kb / 3P
   Integrated Circuit PIF Subsytem for TV Receiver
NTE1775 NTE-NTE1775 Datasheet
25Kb / 3P
   Integrated Circuit PIF Subsytem for TV Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com