Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA1290FN Datasheet(PDF) 8 Page - Toshiba Semiconductor

No. de pieza TA1290FN
Descripción Electrónicos  PIF IC FOR TV
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1290FN Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TA1290FN Datasheet HTML 4Page - Toshiba Semiconductor TA1290FN Datasheet HTML 5Page - Toshiba Semiconductor TA1290FN Datasheet HTML 6Page - Toshiba Semiconductor TA1290FN Datasheet HTML 7Page - Toshiba Semiconductor TA1290FN Datasheet HTML 8Page - Toshiba Semiconductor TA1290FN Datasheet HTML 9Page - Toshiba Semiconductor TA1290FN Datasheet HTML 10Page - Toshiba Semiconductor TA1290FN Datasheet HTML 11Page - Toshiba Semiconductor TA1290FN Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TA1290FN
2001-02-26 8/13
Note 8:
Suppression of career
PIF input : fp = 58.75MHz, fm = 15.75kHz, 30%AM, 84dBµV
Add the 2nd AGC terminal from external power supply, so that the output video signal voltage
(15-b) can be 2Vp-p.
Turning modulation off, measure output career (Vcareer [Vp-p]) at pin 15. Calculate the following
equation.
(Suppression of career) = 20ℓog (2 / Vcareer) [dB]
Note 9:
Suppression of career harmonics
PIF input : fp = 58.75MHz, fm = 15.75kHz, 30%AM, 84dBµV
Add the 2nd AGC terminal from external power supply, so that the output video signal voltage
(15-b) can be 2Vp-p.
Turning modulation off, measure output career (117.5MHz) level (Vcareer [Vp-p]) at pin 15.
Calculate the following equation.
(Suppression of career harmonics) = 20 og
l
(2 / Vcareer) [dB]
Note 10:
AFT control steepness
PIF input : fp = 58.75MHz, 84dBµV, CW
Input the above signal and adjust the AFT coil so that the AFT output voltage is 4.5V.
Measure AFT output voltage of following conditions.
(input frequency = 58.74MHz) : VAFT1
(input frequency = 58.76MHz) : VAFT2
AFT control steepness is calculated by following equality.
(AFT control steepness) = ∆f / ∆V = 20 / (VAFT1−VAFT2)
Note 11:
Intermodulation
Input following composite signals to the PIF input.
SG : 1
58.75MHz, 84dBµV (picture career)
SG : 2
54.25MHz, 74dBµV (sound career)
SG : 3
55.17MHz, 74dBµV (chroma)
Supply DC voltage to 2nd AGC terminal from external source, so that bottom of output signal
voltage (15-b) matches sync. tip level. Measure the difference of output signal voltage at pin 15
between 3.58MHz component (chroma) and 920kHz component.


Número de pieza similar - TA1290FN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA1290FN TOSHIBA-TA1290FN Datasheet
404Kb / 13P
   PIF IC FOR TV
More results

Descripción similar - TA1290FN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA1290FN TOSHIBA-TA1290FN Datasheet
404Kb / 13P
   PIF IC FOR TV
TA8700AN TOSHIBA-TA8700AN Datasheet
540Kb / 16P
   PIF/SIF IC FOR TV/VTR
TA8800N TOSHIBA-TA8800N Datasheet
838Kb / 21P
   PLL PIF/SIF IC FOR TV/VTR
TA8800N TOSHIBA-TA8800N_01 Datasheet
857Kb / 22P
   PLL PIF/SIF IC FOR TV/VTR
TA8701AN TOSHIBA-TA8701AN Datasheet
607Kb / 18P
   PIF/SIF ATT IC FOR TV/VTR
TA8712N TOSHIBA-TA8712N Datasheet
521Kb / 12P
   PIF QIF SYSTEM FOR TV
logo
Samsung semiconductor
KSC1188 SAMSUNG-KSC1188 Datasheet
73Kb / 2P
   NPN (TV PIF AMPLIFIER)
logo
Fujitsu Component Limit...
F811CPL FUJITSU-F811CPL Datasheet
89Kb / 5P
   IF Filter for TV(PIFSIF)
logo
NTE Electronics
NTE15003 NTE-NTE15003 Datasheet
25Kb / 3P
   Integrated Circuit PIF Subsytem for TV Receiver
NTE1775 NTE-NTE1775 Datasheet
25Kb / 3P
   Integrated Circuit PIF Subsytem for TV Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com