Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA1395FNG Datasheet(PDF) 10 Page - Toshiba Semiconductor

No. de pieza TA1395FNG
Descripción Electrónicos  Mixer/Oscillator and PLL IC for TV/VCR Tuner
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1395FNG Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button TA1395FNG Datasheet HTML 6Page - Toshiba Semiconductor TA1395FNG Datasheet HTML 7Page - Toshiba Semiconductor TA1395FNG Datasheet HTML 8Page - Toshiba Semiconductor TA1395FNG Datasheet HTML 9Page - Toshiba Semiconductor TA1395FNG Datasheet HTML 10Page - Toshiba Semiconductor TA1395FNG Datasheet HTML 11Page - Toshiba Semiconductor TA1395FNG Datasheet HTML 12Page - Toshiba Semiconductor TA1395FNG Datasheet HTML 13Page - Toshiba Semiconductor TA1395FNG Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
TA1395FNG
2005/05/20
10
I²C Bus Line Characteristic
CHARACTERISTICS
SYMBOL
TEST
CONDITION
MIN.
TYP.
MAX.
UNIT
SCL Clock Frequency
fscl
0
-
400
kHz
Bus Free Time between a STOP and
a START Condition
tBUF
1.3
-
-
µs
Hold
Time
(Repeated)
START
Condition
tHD;STA
0.6
-
-
µs
Low Period of the SCL Clock
tLOW
1.3
-
-
µs
High Period of the SCL Clock
tHIGH
0.6
-
-
µs
Set-up Time for a Repeated START
Condition
tSU;STA
0.6
-
-
µs
Data Hold Time
tHD;DAT
0
-
0.9
µs
Data Set-up Time
tSU;DAT
100
-
-
µs
Rise Time of both SDA and SCL
Signal
tR
-
-
300
µs
Fall Time of both SDA and SCL
Signals
tF
-
-
300
µs
Set up Time for STOP Condition
tsU;STO
0.6
-
-
µs
Timing charts may be simplified for explanatory purposes.
Figure 1:
I²C-bus data timing chart (falling edge timing)
tBUF
SDA
tR
tHD; STA
tHD; DAT
tHIGH
tSU; STA
Sr
tSU; STO
P
S
SCL
tLOW
P
tF
tSU; DAT
tHD; STA


Número de pieza similar - TA1395FNG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAI-SAW TECHNOLOGY CO.,...
TA1395A TAI-SAW-TA1395A Datasheet
165Kb / 8P
   SAW Filter 881.5 MHz BW25MHz
More results

Descripción similar - TA1395FNG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA1384FNG TOSHIBA-TA1384FNG Datasheet
302Kb / 22P
   Mixer/Oscillator and PLL IC for TV/VCR Tuner
logo
TEMIC Semiconductors
U6209B TEMIC-U6209B Datasheet
155Kb / 11P
   1.3 GHz PLL for TV- and VCR- Tuner
U6220B TEMIC-U6220B Datasheet
183Kb / 14P
   1.3 GHz PLL for TV- and VCR- Tuner
U6206B TEMIC-U6206B Datasheet
125Kb / 8P
   1.3 GHz PLL for TV- and VCR- Tuner
logo
New Japan Radio
NJM2540 NJRC-NJM2540 Datasheet
122Kb / 8P
   Mixer and Oscillator for TV Tuner
NJM2531A NJRC-NJM2531A Datasheet
113Kb / 8P
   Mixer and Oscillator for TV Tuner
logo
Texas Instruments
SN761672ADAR TI-SN761672ADAR Datasheet
258Kb / 18P
[Old version datasheet]   TV/VCR TUNER IC
SN761672A TI-SN761672A Datasheet
268Kb / 18P
[Old version datasheet]   TV/VCR TUNER IC
logo
NXP Semiconductors
TDA5332T PHILIPS-TDA5332T Datasheet
84Kb / 12P
   Double mixer/oscillator for TV and VCR tuners
March 1989
logo
Texas Instruments
SN761678 TI1-SN761678 Datasheet
331Kb / 20P
[Old version datasheet]   TV/VCR TUNER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com