Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA2120FNG Datasheet(PDF) 3 Page - Toshiba Semiconductor

No. de pieza TA2120FNG
Descripción Electrónicos  Low Consumption Current Stereo Headphone Power Amplifier for Portable CD (3V Use)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2120FNG Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TA2120FNG Datasheet HTML 1Page - Toshiba Semiconductor TA2120FNG Datasheet HTML 2Page - Toshiba Semiconductor TA2120FNG Datasheet HTML 3Page - Toshiba Semiconductor TA2120FNG Datasheet HTML 4Page - Toshiba Semiconductor TA2120FNG Datasheet HTML 5Page - Toshiba Semiconductor TA2120FNG Datasheet HTML 6Page - Toshiba Semiconductor TA2120FNG Datasheet HTML 7Page - Toshiba Semiconductor TA2120FNG Datasheet HTML 8Page - Toshiba Semiconductor TA2120FNG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
TA2120FNG
2006-04-19
3
Terminal Explanation (Terminal voltage: Typical terminal voltage at no signal with test
circuit, VCC = 2.4 V, Ta = 25°C)
Terminal
No.
Name
Function
Internal Circuit
Terminal
Voltage
(V)
1
BST NF
NF of BST amplifier
0.85
24
BST OUT
Output of BST amplifier
(Terminal for filter)
0.85
2
ADD OUT
Output of ADD amplifier
(Terminal for filter)
0.85
3
RF IN
Terminal for ripple filter
circuit
1.44
21
BIAS
BIAS voltage
0.85
22
BIAS IN
Filter terminal for BIAS
circuit
0.85
30 k
24
1
12 k
2 k
BIAS
BIAS
BST
ADD
OUT
22
3
5
21
ADDA
14
15
ADDB
BIAS
2
BST
AMP
PWA
PWB


Número de pieza similar - TA2120FNG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA2120FN TOSHIBA-TA2120FN Datasheet
555Kb / 16P
   LOW CONSUMPTION CURRENT STEREO GEADPHONE POWER AMPLIFIER FOR PORTABLE CD (3V USE)
More results

Descripción similar - TA2120FNG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA2120FN TOSHIBA-TA2120FN Datasheet
555Kb / 16P
   LOW CONSUMPTION CURRENT STEREO GEADPHONE POWER AMPLIFIER FOR PORTABLE CD (3V USE)
TA2002F TOSHIBA-TA2002F Datasheet
757Kb / 17P
   STEREO HEADPHONE AMPLIFIER (3V USE)
TA8119P TOSHIBA-TA8119P Datasheet
402Kb / 10P
   STEREO HEADPHONE AMPLIFIER (3V USE)
TA7688F TOSHIBA-TA7688F Datasheet
446Kb / 11P
   STEREO HEADPHONE AMPLIFIER (3V USE)
logo
Sanyo Semicon Device
LA4534M SANYO-LA4534M Datasheet
193Kb / 8P
   3V CD Headphone-stereo Power Amp
logo
Toshiba Semiconductor
TA2160FNG TOSHIBA-TA2160FNG Datasheet
275Kb / 17P
   Low Consumption Current Stereo Headphone Amplifier (1.5/3 V use)
logo
Sanyo Semicon Device
LA4805V SANYO-LA4805V Datasheet
346Kb / 17P
   3V Stereo Headphone Power Amplifier
LA4536M SANYO-LA4536M Datasheet
110Kb / 9P
   5V CD Headphone-stereo Power Amplifier
logo
Toshiba Semiconductor
TA2152FLG TOSHIBA-TA2152FLG Datasheet
302Kb / 18P
   Low Current Consumption Headphone Amplifier (for 1.5-V/3-V Use)
TA2152FNG TOSHIBA-TA2152FNG Datasheet
276Kb / 16P
   Low Current Consumption Headphone Amplifier (for 1.5-V/3-V Use)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com