Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA2145AFG Datasheet(PDF) 9 Page - Toshiba Semiconductor

No. de pieza TA2145AFG
Descripción Electrónicos  3 V Stereo Headphone Amplifier (3 V USE)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2145AFG Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TA2145AFG Datasheet HTML 5Page - Toshiba Semiconductor TA2145AFG Datasheet HTML 6Page - Toshiba Semiconductor TA2145AFG Datasheet HTML 7Page - Toshiba Semiconductor TA2145AFG Datasheet HTML 8Page - Toshiba Semiconductor TA2145AFG Datasheet HTML 9Page - Toshiba Semiconductor TA2145AFG Datasheet HTML 10Page - Toshiba Semiconductor TA2145AFG Datasheet HTML 11Page - Toshiba Semiconductor TA2145AFG Datasheet HTML 12Page - Toshiba Semiconductor TA2145AFG Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
TA2145AFG
2006-04-19
9
Test Circuit
(a)
(b)
TA2145AFG
11
12
Rg
= 600 Ω
10
9
8
7
6
5
4
3
2
INA
1
PRE
GND
GVN
CTL
INB
VREF
14
13
15
16
17
18
19
20
21
22
23
24
470 k
470 k
18 k
22
µF
220
µF
8200 pF
(b)
(a)
SW2a
RL
RL
PW OUTA
PW OUTC
PW OUTB
(a)
(b)
SW4
10 k
600
PW INA
PRE OUTA
VREF
VREF
SW3a
NFA
PRE
OUTA
PW
INA
VCTL
OUTB OUTA OUTC
PW
INC
PW
GND
GVN
GND
NFB
PRE
OUTB
PW
INB
RF IN
PRE
SW
PW
VCC
GVN
VCC
Rt
GVN
OUT
470 k
PRE INB
SW1b
PRE
INA
SW1a
470 k
220
µF
22
µF
8200 pF
18 k
SW2b
(b) (a)
PRE OUTB
VREF
600
Rg
= 600 Ω
PW INB
(a)
(b)
SW3b
470
SW5
47
µF
3.6 k
Ω 5 kΩ
5
VCC
VREF
180
1
µF
470


Número de pieza similar - TA2145AFG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA2145AF TOSHIBA-TA2145AF Datasheet
282Kb / 16P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
More results

Descripción similar - TA2145AFG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA4800V SANYO-LA4800V Datasheet
192Kb / 11P
   3 V Stereo Headphone Power Amplifier
logo
Toshiba Semiconductor
TA2160FNG TOSHIBA-TA2160FNG Datasheet
275Kb / 17P
   Low Consumption Current Stereo Headphone Amplifier (1.5/3 V use)
logo
Sanyo Semicon Device
LA4582CM SANYO-LA4582CM Datasheet
143Kb / 6P
   Pre Power Amplifier for 3-V Headphone Stereo Systems
LA4585M SANYO-LA4585M Datasheet
131Kb / 5P
   3-V Preamplifier Power Amplifier for Headphone Stereo Products
logo
Toshiba Semiconductor
TA2152FLG TOSHIBA-TA2152FLG Datasheet
302Kb / 18P
   Low Current Consumption Headphone Amplifier (for 1.5-V/3-V Use)
TA2152FNG TOSHIBA-TA2152FNG Datasheet
276Kb / 16P
   Low Current Consumption Headphone Amplifier (for 1.5-V/3-V Use)
TA2002F TOSHIBA-TA2002F Datasheet
757Kb / 17P
   STEREO HEADPHONE AMPLIFIER (3V USE)
TA8119P TOSHIBA-TA8119P Datasheet
402Kb / 10P
   STEREO HEADPHONE AMPLIFIER (3V USE)
TA7688F TOSHIBA-TA7688F Datasheet
446Kb / 11P
   STEREO HEADPHONE AMPLIFIER (3V USE)
TA8145FN TOSHIBA-TA8145FN Datasheet
312Kb / 8P
   STEREO HEADPHONE AMPLIFIER (1.5V USE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com