Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA4800AF Datasheet(PDF) 4 Page - Toshiba Semiconductor

No. de pieza TA4800AF
Descripción Electrónicos  1A Output Current Low Dropout Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA4800AF Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TA4800AF Datasheet HTML 1Page - Toshiba Semiconductor TA4800AF Datasheet HTML 2Page - Toshiba Semiconductor TA4800AF Datasheet HTML 3Page - Toshiba Semiconductor TA4800AF Datasheet HTML 4Page - Toshiba Semiconductor TA4800AF Datasheet HTML 5Page - Toshiba Semiconductor TA4800AF Datasheet HTML 6Page - Toshiba Semiconductor TA4800AF Datasheet HTML 7Page - Toshiba Semiconductor TA4800AF Datasheet HTML 8Page - Toshiba Semiconductor TA4800AF Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TA4800AF
2006-11-06
4
Electrical Characteristics
(Unless otherwise specified, VEN = VIN, VOUT = 3.3 V, CIN = 0.33 μF, COUT = 3.3 μF, Tj = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Reference voltage
VREF
VIN = 4.3 V
1.214
1.245
1.276
V
Line regulation
Reg・line
4.3 V <= VIN <= 8.3 V,
IOUT = 500 mA
8
24
mV
Load regulation
Reg・load
VIN = 4.3 V, 5 mA <= IOUT <= 1 A
5
20
mV
4.3 V <= VIN <= 8.3 V,
IOUT = 0 A
0.85
1.70
Quiescent current
IB
4.3 V <= VIN <= 8.3 V,
IOUT = 1 A
10
20
mA
VIN = 2.1 V, IOUT = 0 A
3.3
4.0
Starting quiescent current
IBstart
VIN = 3.5 V, IOUT = 1 A
17.0
28.5
mA
Output noise voltage
VNO
VIN = 5.3 V, IOUT = 50 mA,
10 Hz <= f <= 100 kHz
100
μVrms
Ripple rejection
R.R.
VIN = 5.3 V, IOUT = 50 mA,
f
= 120 Hz
63
dB
IOUT = 500 mA
0.32
0.50
Dropout voltage
VD
IOUT = 1 A
0.69
V
Average temperature
coefficient of output voltage
TCVO
VIN = 5.3 V, IOUT = 5 mA,
0°C <= Tj <= 125°C
0.3
mV/°C


Número de pieza similar - TA4800AF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA4800AF TOSHIBA-TA4800AF Datasheet
225Kb / 10P
   1 A Output Current Low Dropout Voltage Regulator
TA4800AF TOSHIBA-TA4800AF_09 Datasheet
225Kb / 10P
   1 A Output Current Low Dropout Voltage Regulator
More results

Descripción similar - TA4800AF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
First Components Intern...
FGM78R05 FCI-FGM78R05 Datasheet
206Kb / 7P
   1A / 5V Output low dropout voltage regulator;
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2940T-L-5-0 SIPEX-SPX2940T-L-5-0 Datasheet
616Kb / 10P
   1A Low Dropout Voltage Regulator
Rev. 2.0.0
logo
Exar Corporation
SPX3940 EXAR-SPX3940_12 Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1540 TSC-TS1540_08 Datasheet
67Kb / 4P
   1A Low Dropout Voltage Regulator with Low Quiescent Current
logo
Champion Microelectroni...
CM1117 CHAMP-CM1117 Datasheet
181Kb / 6P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6330A TMT-T6330A Datasheet
388Kb / 8P
   1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117F CHAMP-CM1117F Datasheet
250Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
SHANGHAI BELLING CO., L...
BL2940 BELLING-BL2940_16 Datasheet
959Kb / 15P
   1A Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2910 ADMOS-AMS2910 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com