Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ESCC-5000 Datasheet(PDF) 1 Page - Astrodyne Corporation

No. de pieza ESCC-5000
Descripción Electrónicos  5W Ultraminiature Encapsulated Switching Power Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ASTRODYNE [Astrodyne Corporation]
Página de inicio  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ESCC-5000 Datasheet(HTML) 1 Page - Astrodyne Corporation

  ESCC-5000 Datasheet HTML 1Page - Astrodyne Corporation ESCC-5000 Datasheet HTML 2Page - Astrodyne Corporation ESCC-5000 Datasheet HTML 3Page - Astrodyne Corporation ESCC-5000 Datasheet HTML 4Page - Astrodyne Corporation ESCC-5000 Datasheet HTML 5Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
5W Ultraminiature Encapsulated Switching Power Supplies
E C A - 5 series
WWW.ASTRODYNE.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE EUROPE: 353 51 561060
ASTRODYNE PACIFIC: 886-2-26983458
Model Number
Output Voltage
Output Amps(max)
(pk)
SINGLE OUTPUT - PCB Mount
ESCA-5000
3.3 VDC
1.25A
1.56A
ESCA-5001
5 VDC
1A
1.5A
ESCA-5002
12 VDC
0.42A
0.63A
ESCA-5003
15VDC
0.33A
0.5A
ESCA-5005
24VDC
0.23A
0.35A
SINGLE OUTPUT - Chassis Mount
ESCC-5000
3.3 VDC
1.25A
1.56A
ESCC-5001
5 VDC
1A
1.5A
ESCC-5002
12 VDC
0.42A
0.63A
ESCC-5003
15VDC
0.33A
0.5A
ESCC-5005
24VDC
0.23A
0.35A
SINGLE OUTPUT - DIN Rail Mount
ESCC-5000/DRL
3.3 VDC
1.25A
1.56A
ESCC-5001/DRL
5 VDC
1A
1.5A
ESCC-5002/DRL
12 VDC
0.42A
0.63A
ESCC-5003/DRL
15VDC
0.33A
0.5A
ESCC-5005/DRL
24VDC
0.23A
0.35A
DUAL OUTPUT - PCB Mount
EDCA-5006
+/-12VDC
+/-0.21A
+/-0.26A
EDCA-5007
+/-15VDC
+/-0.17A
+/-0.21A
DUAL OUTPUT - Chassis Mount
EDCC-5006
+/-12VDC
+/-0.21A
+/-0.26A
EDCC-5007
+/-15VDC
+/-0.17A
+/-0.21A
DUAL OUTPUT - DIN Rail Mount
EDCC-5006/DRL
+/-12VDC
+/-0.21A
+/-0.26A
EDCC-5007/DRL
+/-15VDC
+/-0.17A
+/-0.21A
Universal 85-265VAC Input
High Efficiency
Improved EMI Performance
3000V Isolation
Single and Dual Outputs
UL60950-1, EN60950-1 & IEC60950-1


Número de pieza similar - ESCC-5000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Astrodyne Corporation
ESCC-0100 ASTRODYNE-ESCC-0100 Datasheet
745Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ESCC-0100DRL ASTRODYNE-ESCC-0100DRL Datasheet
745Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ESCC-0101 ASTRODYNE-ESCC-0101 Datasheet
745Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ESCC-0101DRL ASTRODYNE-ESCC-0101DRL Datasheet
745Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ESCC-0102 ASTRODYNE-ESCC-0102 Datasheet
745Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
More results

Descripción similar - ESCC-5000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Astrodyne Corporation
ECA5 ASTRODYNE-ECA5 Datasheet
652Kb / 5P
   5W Ultraminiature Encapsulated Switching Power Supplies
MCA5 ASTRODYNE-MCA5 Datasheet
496Kb / 6P
   5W Ultraminiature Modular Switching Power Supplies
MCA-5 ASTRODYNE-MCA-5 Datasheet
1Mb / 5P
   5W Ultraminiature Modular Switching Power Supplies
ECA-10 ASTRODYNE-ECA-10 Datasheet
745Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ECA30 ASTRODYNE-ECA30 Datasheet
424Kb / 6P
   30W Ultraminiature Encapsulated Switching Power Supplies
ECA10 ASTRODYNE-ECA10 Datasheet
777Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ECA-15 ASTRODYNE-ECA-15 Datasheet
763Kb / 5P
   15W Ultraminiature Encapsulated Switching Power Supplies
EFM5 ASTRODYNE-EFM5 Datasheet
684Kb / 4P
   5W Ultraminiature Open Frame Switching Power Supplies
OFM5 ASTRODYNE-OFM5 Datasheet
780Kb / 4P
   5W Ultraminiature Open Frame Switching Power Supplies
OFM5 ASTRODYNE-OFM5_16 Datasheet
444Kb / 4P
   5W Ultraminiature Open Frame Switching Power Supplies
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com