|
| TA7522S_05 |
|
||
|
TOSHIBA |
|
3 page
TA7522S/F 2005-03-29 3 Pin Description Pin No. TA7522S TA7522F Symbol Description 1 1 INPUT1- Inverted-input pin 2 2 INPUT1 + Non-inverted-input pin 3 3 OUT1 Output pin corresponding to INPUT1 4 ― OUT1 Output pin for inversion of OUT1 5 4 GND Grounded 6 5 OUT2 Output pin corresponding to INPUT2 7 6 INPUT2 + Non-inverted-input pin 8 7 INPUT2- Inverted-input pin 9 8 VCC Power supply pin Maximum Ratings (Ta = 25°C) Characteristic Symbol Rating Unit Supply voltage VCC −0.3 to +18 V Supply voltage surge VCC SURGE +30 (within 1 second) V Power dissipation PD 500 / 440 mW Differential input voltage DVIN ±18 V Input voltage VIN −0.3 to +18 V Output current ISINK 30 mA Operating temperature Topr −40 to +85 °C Storage temperature Tstg −55 to +150 °C Note 1: The absolute maximum ratings of a semiconductor device are a set of specified parameter values which must not be exceeded during operation, even for an instant. If any of these levels is exceeded during operation, the device’s electrical characteristics may be irreparably altered and the reliability and lifetime of the device can no longer be guaranteed, possibly causing damage to any other equipment with which it is used. Applications using the device should be designed such that the maximum ratings will never be exceeded in any operating conditions. Ensuring that the parameter values remain within these specified ranges during device operation will help to ensure that the integrity of the device is not compromised. Note 2: PD: TA7522S / TA7522F |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| TA75W393FU_07 | Dual Voltage Comparator | 1 2 3 4 5 More | Toshiba Semiconductor |
| TA7522SG | Dual Voltage Comparator | 1 2 3 4 5 More | Toshiba Semiconductor |
| AU2903 | Low power dual voltage comparator | 1 2 3 4 5 More | NXP Semiconductors |
| NTE911 | Integrated Circuit Dual Voltage Comparator | 1 2 3 | NTE Electronics |
| ALD2302A_07 | DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER | 1 2 3 4 5 More | Advanced Linear Devices |
| ALD2303A_07 | DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER | 1 2 3 4 5 More | Advanced Linear Devices |
| TSM102 | DUAL OPERATIONAL AMPLIFIER DUAL COMPARATOR AND VOLTAGE REFERENCE | 1 2 3 4 5 More | Texas Instruments |
| TS393 | Dual Voltage Comparator | 1 2 3 4 5 More | Taiwan Semiconductor Company, Ltd |
| S393_1 | Dual Voltage Comparator | 1 2 3 4 | AUK corp |
| TS372 | LOW POWER DUAL CMOS VOLTAGE COMPARATOR | 1 2 3 4 5 | STMicroelectronics |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |