Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TA8155FG Datasheet(PDF) 3 Page - Toshiba Semiconductor |
|
TA8155FG Datasheet(HTML) 3 Page - Toshiba Semiconductor |
3 / 17 page TA8155FG/FNG 2006-04-12 3 Terminal Explanation Terminal Voltage : Typical Terminal Voltage at no Signal with Test Circuit. (VCC = 1.2V, VCC (REC) = 2.4V, Ta = 25°C) Terminal No. Name Function Internal Circuit Terminal Voltage (V) 1 VCC(REC) This terminal voltage supplies output stage of recording amplifier with power source. 2.4 2 REC OUTB 3 REC OUTA Output of recording amplifier. 1.15 4 PB INB 5 PB INA Input of playback amplifier. 0.85 7 PB NFB 10 PB NFA NF of playback amplifier. 0.85 6 VREF Reference voltage. All amplifier operate on this voltage. 0.85 8 PB OUTB 9 PB OUTA Output of playback amplifier and buffer amplifier. 0.55 11 REC SW REC / PB switch. VCC: REC mode. GND / OPEN: PB mode. ― 12 PW SW Power switch. VCC: Power on. GND / OPEN: Power off. ― 15 Line SW Line switch. VCC: BUF (radio) mode. GND / OPEN: Tape mode. ― |
Número de pieza similar - TA8155FG |
|
Descripción similar - TA8155FG |