Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA8155FNG Datasheet(PDF) 1 Page - Toshiba Semiconductor

No. de pieza TA8155FNG
Descripción Electrónicos  REC / PB System Dual Pre−amplifier (1.5 / 3V USE)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8155FNG Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TA8155FNG Datasheet HTML 1Page - Toshiba Semiconductor TA8155FNG Datasheet HTML 2Page - Toshiba Semiconductor TA8155FNG Datasheet HTML 3Page - Toshiba Semiconductor TA8155FNG Datasheet HTML 4Page - Toshiba Semiconductor TA8155FNG Datasheet HTML 5Page - Toshiba Semiconductor TA8155FNG Datasheet HTML 6Page - Toshiba Semiconductor TA8155FNG Datasheet HTML 7Page - Toshiba Semiconductor TA8155FNG Datasheet HTML 8Page - Toshiba Semiconductor TA8155FNG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
TA8155FG/FNG
2006-04-12
1
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8155FG,TA8155FNG
REC / PB System Dual Pre−amplifier (1.5 / 3V USE)
The TA8155FG and TA8155FNG are REC / PB system dual pre
amplifier ICs, which are developed for low voltage operation (1.5 /
3V use). These are especially suitable for a stereo headphone
cassette player.
Features
• Built−in dual playback amplifiers.
Input coupling condenser−less.
Built−in capacitor for buzz noise.
• Built−in dual buffer amplifiers.
For radio signal inut.
Monitor for REC mode.
• Built−in dual microphone amplifiers.
Built−in an ALC circuit for MIC−REC mode.
Attack time. : 0.1s (typ.)
Recovery time. : 3.5s (typ.)
• Built−in dual recording amplifiers.
Single−end output type.
• Built−in a power switch.
• Low quiescent current. (VCC = 1.2V, Ta = 25°C)
PB mode .................... ICCQ2 = 2.6mA (typ.)
Radio mode ............. ICCQ3 = 2.4mA (typ.)
Radio−REC mode ... ICCQ4 = 3.0mA (typ.)
MIC−REC mode ........ ICCQ5 = 4.5mA (typ.)
• Low power dissipation.
PB mode : 2.9mW (typ.)
MIC−REC mode : 8.9mW (typ.)
• Operating supply voltage range. (Ta = 25°C)
VCC (opr) = 0.9~4V
VCC (opr) (REC) = 1.8~4V
Weigh
SSOP24-P-300-1.00: 0.32g (typ.)
SSOP24-P-300-0.65A: 0.14g (typ.)


Número de pieza similar - TA8155FNG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA8155FN TOSHIBA-TA8155FN Datasheet
662Kb / 16P
   REC/PB SYSTEM DUAL PRE-AMPLIFIER (1.5/3V USE)
More results

Descripción similar - TA8155FNG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA8155F TOSHIBA-TA8155F Datasheet
662Kb / 16P
   REC/PB SYSTEM DUAL PRE-AMPLIFIER (1.5/3V USE)
logo
Sony Corporation
CX20034 SONY-CX20034 Datasheet
495Kb / 20P
   REC/PB AMPLIFIER
logo
Rohm
BA5104A ROHM-BA5104A Datasheet
187Kb / 3P
   Switchless REC/PB Amplifier
logo
Samsung semiconductor
S1A0292A01 SAMSUNG-S1A0292A01 Datasheet
304Kb / 14P
   PB/REC EQ ST PRE AMP
logo
Sony Corporation
CXA2500M SONY-CXA2500M Datasheet
220Kb / 11P
   Dual REC/PB Preamplifier
logo
Rohm
BA3516 ROHM-BA3516 Datasheet
95Kb / 5P
   3V dual pre/power amplifier
BA3513AFS ROHM-BA3513AFS Datasheet
124Kb / 7P
   3V dual pre / power amplifier
logo
Samsung semiconductor
S1A0291X01 SAMSUNG-S1A0291X01 Datasheet
147Kb / 8P
   PB/REC PRE AMP FOR 2 DECK
logo
Sony Corporation
CXA1202Q-Z SONY-CXA1202Q-Z Datasheet
427Kb / 26P
   REC/PB Amplifier for VCR
logo
List of Unclassifed Man...
TA7417AP ETC-TA7417AP Datasheet
516Kb / 14P
   Dual pre amplifier system
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com