Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA76432AF Datasheet(PDF) 5 Page - Toshiba Semiconductor

No. de pieza TA76432AF
Descripción Electrónicos  1.26-V Adjustable High-Precision Shunt Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA76432AF Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TA76432AF Datasheet HTML 1Page - Toshiba Semiconductor TA76432AF Datasheet HTML 2Page - Toshiba Semiconductor TA76432AF Datasheet HTML 3Page - Toshiba Semiconductor TA76432AF Datasheet HTML 4Page - Toshiba Semiconductor TA76432AF Datasheet HTML 5Page - Toshiba Semiconductor TA76432AF Datasheet HTML 6Page - Toshiba Semiconductor TA76432AF Datasheet HTML 7Page - Toshiba Semiconductor TA76432AF Datasheet HTML 8Page - Toshiba Semiconductor TA76432AF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TA76432AFT/AF/AFR/AS
2006-11-07
5
Ambient temperature Ta (°C)
PDmax – Ta
Ambient temperature Ta (°C)
PDmax – Ta
0.6
0
0.2
0.4
0.8
1.0
1.2
0
20
40
60
100
120
80
140
160
Mounted on ceramic substate
: 15
× 15 × 0.8 mm t
Ta
= 25°C
TA76432AF, AFR
Ambient temperature Ta (°C)
PDmax – Ta
0.6
0
0.2
0.4
0.8
1.0
0
20
40
60
100
120
80
140
160
TA76432AS
Cathode voltage VKA (V)
IK – VKA
−1.0
−0.5
0
0.5
1.5
1.0
−10
0
10
20
VKA = VREF
Ta
= 25°C
Input
VKA
IK
25°C
85°C
Ta
= −40°C
Cathode voltage VKA (V)
IK – VKA
−1.0
−0.5
0
0.5
1.5
1.0
200
−100
0
100
300
25°C
85°C
85°C
25°C
Ta
= −40°C
Ta
=
−40°C
IK min
VKA = VREF
Ta
= 25°C
Input
VKA
IK
0.3
0
0.1
0.2
0.4
0.5
0.6
0
20
40
60
100
120
80
140
160
Mounted on glass epoxy substate
: 30
× 30 × 0.8 mm t
Cupper pad area: 35 mm
2
TA76432AFT
Ambient temperature Ta (°C)
VREF – Ta
−80
−40
0
40
120
160
80
1.27
1.24
1.25
1.26
1.28
1.29
Input
VKA
IK
VREF
VKA = VREF
IK = 5 mA


Número de pieza similar - TA76432AF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA76432F TOSHIBA-TA76432F Datasheet
248Kb / 12P
   1.26-V Adjustable High-Precision Shunt Regulators
TA76432F TOSHIBA-TA76432F Datasheet
292Kb / 13P
   1.26-V Adjustable High-Precision Shunt Regulators
TA76432FC TOSHIBA-TA76432FC Datasheet
248Kb / 12P
   1.26-V Adjustable High-Precision Shunt Regulators
TA76432FC TOSHIBA-TA76432FC Datasheet
292Kb / 13P
   1.26-V Adjustable High-Precision Shunt Regulators
TA76432FR TOSHIBA-TA76432FR Datasheet
248Kb / 12P
   1.26-V Adjustable High-Precision Shunt Regulators
More results

Descripción similar - TA76432AF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA76432FT TOSHIBA-TA76432FT_06 Datasheet
292Kb / 13P
   1.26-V Adjustable High-Precision Shunt Regulators
TA76432FC TOSHIBA-TA76432FC Datasheet
248Kb / 12P
   1.26-V Adjustable High-Precision Shunt Regulators
TA76L431FB TOSHIBA-TA76L431FB Datasheet
202Kb / 8P
   2.495 V Adjustable High-Precision Shunt Regulators
TA76L431FT TOSHIBA-TA76L431FT Datasheet
253Kb / 9P
   2.49-V Adjustable High-Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com