Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA76432AF Datasheet(PDF) 2 Page - Toshiba Semiconductor

No. de pieza TA76432AF
Descripción Electrónicos  1.26-V Adjustable High-Precision Shunt Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA76432AF Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TA76432AF Datasheet HTML 1Page - Toshiba Semiconductor TA76432AF Datasheet HTML 2Page - Toshiba Semiconductor TA76432AF Datasheet HTML 3Page - Toshiba Semiconductor TA76432AF Datasheet HTML 4Page - Toshiba Semiconductor TA76432AF Datasheet HTML 5Page - Toshiba Semiconductor TA76432AF Datasheet HTML 6Page - Toshiba Semiconductor TA76432AF Datasheet HTML 7Page - Toshiba Semiconductor TA76432AF Datasheet HTML 8Page - Toshiba Semiconductor TA76432AF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TA76432AFT/AF/AFR/AS
2006-11-07
2
Pin Assignment/Marking
TA76432AFT
TA76432AF/AFR
No.
TA76432AF
TA76432AFR
1
CATHODE (K)
REFERENCE
(REF)
2
ANODE (A)
ANODE (A)
3
REFERENCE
(REF)
CATHODE (K)
Note: TA76432AFvs.TA76432AFR:
reverse pin connection.
How to Order
Product No.
Package Type
Packing Type and Capacity
Minimum Order
TA76432AFT (TE85L)
UFV
(surface-mount type)
Embossed tape: 3000/tape
1 tape
TA76432AF/AFR
On cut tape (TE12L): 100/tape section
100
TA76432AF/AFR (TE12L)
PW-MINI (SOT-89)
(surface-mount type)
Embossed tape: 1000/tape
1 tape
TA76432AS
Loose in bag: 200/bag
1 bag
TA76432AS (TPE6)
TO-92MOD
(lead type)
Radial tape: 2000/tape
1 tape
Note: The lead pitch for the TA76432AS and TA76432AS (TPE6) may vary.
Functional Block Diagram
Circuit Symbol
Cathode (K)
Reference (REF)
Anode (A)
1.26 V
Anode (A)
Cathode (K)
Reference (REF)
1: NC
2: ANODE (A)
3: CATHODE (K)
4: REFERENCE (REF)
5: ANODE (A)
2 A
5
4
1
3
2
1
3
2
Lot No. (three-digit number)
Type marking
(two-digit number)
Lot No.
⇒ The week of manufacture
⇒ The year of manufacture
(last decimal digit of the year of
manufacture)
•TA76432AF: AF
•TA76432AFR: BF
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
1: REFERENCE (REF)
2: ANODE (A)
3: CATHODE (K)
Lot No: The last decimal digit of the year of manufacture followed by the month as
letters A to L of the alphabet.
For example: Jan-2004 is coded as “4A”
TA76432AS
TA76
1
2
3
432AS
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.


Número de pieza similar - TA76432AF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA76432F TOSHIBA-TA76432F Datasheet
248Kb / 12P
   1.26-V Adjustable High-Precision Shunt Regulators
TA76432F TOSHIBA-TA76432F Datasheet
292Kb / 13P
   1.26-V Adjustable High-Precision Shunt Regulators
TA76432FC TOSHIBA-TA76432FC Datasheet
248Kb / 12P
   1.26-V Adjustable High-Precision Shunt Regulators
TA76432FC TOSHIBA-TA76432FC Datasheet
292Kb / 13P
   1.26-V Adjustable High-Precision Shunt Regulators
TA76432FR TOSHIBA-TA76432FR Datasheet
248Kb / 12P
   1.26-V Adjustable High-Precision Shunt Regulators
More results

Descripción similar - TA76432AF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA76432FT TOSHIBA-TA76432FT_06 Datasheet
292Kb / 13P
   1.26-V Adjustable High-Precision Shunt Regulators
TA76432FC TOSHIBA-TA76432FC Datasheet
248Kb / 12P
   1.26-V Adjustable High-Precision Shunt Regulators
TA76L431FB TOSHIBA-TA76L431FB Datasheet
202Kb / 8P
   2.495 V Adjustable High-Precision Shunt Regulators
TA76L431FT TOSHIBA-TA76L431FT Datasheet
253Kb / 9P
   2.49-V Adjustable High-Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com