Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA7805AF Datasheet(PDF) 7 Page - Toshiba Semiconductor

No. de pieza TA7805AF
Descripción Electrónicos  1 A Three-Terminal Positive Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA7805AF Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TA7805AF Datasheet HTML 2Page - Toshiba Semiconductor TA7805AF Datasheet HTML 3Page - Toshiba Semiconductor TA7805AF Datasheet HTML 4Page - Toshiba Semiconductor TA7805AF Datasheet HTML 5Page - Toshiba Semiconductor TA7805AF Datasheet HTML 6Page - Toshiba Semiconductor TA7805AF Datasheet HTML 7Page - Toshiba Semiconductor TA7805AF Datasheet HTML 8Page - Toshiba Semiconductor TA7805AF Datasheet HTML 9Page - Toshiba Semiconductor TA7805AF Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TA78033, 04, 05, 07, 08, 09AF
2006-11-06
7
接合部温度
Tj (°C)
VOUT – Tj
9.3
9.1
8.9
8.7
8.5
9.5
−50
150
0
50
100
TA7809AF:
VIN = 14 V
IOUT = 5 mA
接合部温度
Tj (°C)
I peak – Tj
0
2.0
−50
150
1.0
1.5
0.5
0
100
50
TA78xxxAF:
VIN = VOUT + 5V
Tj = 25 °C
2.5
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0
5
10
15
20
入力電圧 VIN (V)
TA7805LS:
IOUT=0.1A,
Tj=25℃
VOUT – VIN
入力電圧
VIN (V)
TA7805AF:
IOUT=0.1A,
Tj=25℃
0.0
2.0
4.0
6.0
8.0
10.0
0
5
10
15
20
入力電圧 VIN (V)
TA7809LS:
IOUT=0.1A,
Tj=25℃
VOUT – VIN
入力電圧
VIN (V)
TA7809AF:
IOUT=0.1A,
Tj=25℃
接合部温度
Tj (°C)
VOUT – Tj
5.25
5.15
4.95
4.85
4.75
5.05
−50
150
0
50
TA7805AF:
VIN = 10 V
IOUT = 5 mA
100
Junction temperature Tj (°C)
Junction temperature Tj (°C)
Input voltage VIN (V)
Input voltage VIN (V)
Junction temperature Tj (°C)
Ambient temperature Ta (°C)
Single
PDmax – Ta
0
2
8
10
12
0
20
40
80
100
120
Condition:
Number of IC = 1
Reflow soldering on a
ceramic substrate
60
140
160
Ta = Tc
50×50×0.8mmt
30×30×0.8mmt
Single
6
4
6
5
3
1
0
4
2
10
8
4
2
0
6


Número de pieza similar - TA7805AF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
TA7805 ISC-TA7805 Datasheet
221Kb / 2P
   isc Three Terminal Positive Voltage Regulator
logo
Toshiba Semiconductor
TA78057F TOSHIBA-TA78057F Datasheet
314Kb / 18P
   Three Terminal Positive Voltage Regulators
TA78057F TOSHIBA-TA78057F Datasheet
659Kb / 18P
   5 V, 5.7 V, 6 V, 7 V, 8 V, 9 V, 10 V, 12 V, 15 V, 18 V, 20 V, 24 V Three Terminal Positive Voltage Regulators
TA78057S TOSHIBA-TA78057S Datasheet
700Kb / 20P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
TA78057SB TOSHIBA-TA78057SB Datasheet
662Kb / 15P
   5 V, 5.7 V, 6 V, 7 V, 8 V, 9 V, 10 V, 12 V, 15 V, 18 V, 20 V, 24 V Three-Terminal Positive Voltage Regulators
More results

Descripción similar - TA7805AF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Jiangsu Changjiang Elec...
CJ7806-TO-220 JIANGSU-CJ7806-TO-220 Datasheet
187Kb / 2P
   Three-terminal positive voltage regulator
CJ7915-TO-220 JIANGSU-CJ7915-TO-220 Datasheet
127Kb / 2P
   Three-terminal positive voltage regulator
CJ78L05-SOT-23-3L JIANGSU-CJ78L05-SOT-23-3L Datasheet
136Kb / 2P
   Three-terminal positive voltage regulator
CJ78L09-TO-92 JIANGSU-CJ78L09-TO-92 Datasheet
110Kb / 2P
   Three-terminal positive voltage regulator
CJ78L18 JIANGSU-CJ78L18 Datasheet
103Kb / 1P
   Three-terminal positive voltage regulator
CJ7806F-TO-220 JIANGSU-CJ7806F-TO-220 Datasheet
117Kb / 1P
   Three-terminal positive voltage regulator
CJ7918-TO-220 JIANGSU-CJ7918-TO-220 Datasheet
80Kb / 1P
   Three-terminal positive voltage regulator
logo
SHENZHEN YONGERJIA INDU...
WEJ78M05-TO-252 WINNERJOIN-WEJ78M05-TO-252 Datasheet
80Kb / 1P
   Three-terminal positive voltage regulator
logo
Shenzhen Luguang Electr...
LGE78D05 LUGUANG-LGE78D05 Datasheet
263Kb / 2P
   Three-terminal positive voltage regulator
logo
Jiangsu Changjiang Elec...
CJ78M09 JIANGSU-CJ78M09 Datasheet
2Mb / 4P
   Three-terminal positive voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com