Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA79015SB Datasheet(PDF) 5 Page - Toshiba Semiconductor

No. de pieza TA79015SB
Descripción Electrónicos  Output Current of 1A, Three-Terminal Negative Voltage Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA79015SB Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TA79015SB Datasheet HTML 1Page - Toshiba Semiconductor TA79015SB Datasheet HTML 2Page - Toshiba Semiconductor TA79015SB Datasheet HTML 3Page - Toshiba Semiconductor TA79015SB Datasheet HTML 4Page - Toshiba Semiconductor TA79015SB Datasheet HTML 5Page - Toshiba Semiconductor TA79015SB Datasheet HTML 6Page - Toshiba Semiconductor TA79015SB Datasheet HTML 7Page - Toshiba Semiconductor TA79015SB Datasheet HTML 8Page - Toshiba Semiconductor TA79015SB Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TA79005,06,07,08,09,10,12,15,18,20,24SB
2007-02-07
5
TA79009SB
Electrical Characteristics
(Unless otherwise specified, VIN = 15 V, IOUT = 500 mA, 0°C Tj 125°C, CIN = 0.33 μF,
COUT = 0.1 μF)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Output voltage
VOUT
1
Tj = 25°C
−9.3
−9.0
−8.7
V
−19 V ≤ VIN ≤ −13 V
11
82
Line regulation
Reg·line
1
Tj = 25°C
−26 V ≤ VIN ≤ −11.5 V
48
162
mV
5 mA ≤ IOUT ≤ 1.5 A
33
162
Load regulation
Reg·load
1
Tj = 25°C
250 mA ≤ IOUT ≤ 750 mA
11
82
mV
Output voltage
VOUT
1
Tj = 25°C
−24 V ≤ VIN ≤ −11.5 V,
5 mA ≤ IOUT ≤ 1.0 A
−9.4
−8.6
V
Quiescent current
IB
1
Tj = 25°C
4.3
8.0
mA
Line
1
−26.5 V ≤ VIN ≤ −13 V
1.0
Quiescent current
change
Load
ΔIB
1
Tj = 25°C
5 mA ≤ IOUT ≤ 1.0 A
0.5
mA
Output noise voltage
VNO
2
Ta = 25°C, IOUT = 20 mA,
10 Hz ≤ f ≤ 100 kHz
60
μVrms
Ripple rejection
R.R.
3
f = 120 Hz, IOUT = 20 mA, Tj = 25°C
57
64
dB
Short circuit current limit
ISC
1
Tj = 25°C
1.9
A
Dropout voltage
VD
1
Tj = 25°C, IOUT = 1.0 A
2.0
V
Average temperature
coefficient of output voltage
TCVO
1
IOUT = 5.0 mA
1.1
mV/°C
TA79010SB
Electrical Characteristics
(Unless otherwise specified, VIN = 16 V, IOUT = 500 mA, 0°C Tj 125°C, CIN = 0.33 μF,
COUT = 0.1 μF)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Output voltage
VOUT
1
Tj = 25°C
−10.4
−10.0
−9.6
V
−20 V ≤ VIN ≤ −14 V
12
90
Line regulation
Reg·line
1
Tj = 25°C
−27 V ≤ VIN ≤ −12.5 V
50
180
mV
5 mA ≤ IOUT ≤ 1.5 A
40
180
Load regulation
Reg·load
1
Tj = 25°C
250 mA ≤ IOUT ≤ 750 mA
13
90
mV
Output voltage
VOUT
1
Tj = 25°C
−25 V ≤ VIN ≤ −12.5 V,
5 mA ≤ IOUT ≤ 1.0 A
−10.5
−9.5
V
Quiescent current
IB
1
Tj = 25°C
4.4
8.0
mA
Line
1
−27.5 V ≤ VIN ≤ −14 V
1.0
Quiescent current
change
Load
ΔIB
1
Tj = 25°C
5 mA ≤ IOUT ≤ 1.0 A
0.5
mA
Output noise voltage
VNO
2
Ta = 25°C, IOUT = 20 mA,
10 Hz ≤ f ≤ 100 kHz
65
μVrms
Ripple rejection
R.R.
3
f = 120 Hz, IOUT = 20 mA, Tj = 25°C
57
63
dB
Short circuit current limit
ISC
1
Tj = 25°C
1.9
A
Dropout voltage
VD
1
Tj = 25°C, IOUT = 1.0 A
2.0
V
Average temperature
coefficient of output voltage
TCVO
1
IOUT = 5.0 mA
1.3
mV/°C


Número de pieza similar - TA79015SB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA79015SB TOSHIBA-TA79015SB Datasheet
516Kb / 16P
   1A THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
More results

Descripción similar - TA79015SB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA79005S TOSHIBA-TA79005S Datasheet
516Kb / 16P
   1A THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM79L05A3 CYSTEKEC-LM79L05A3 Datasheet
231Kb / 4P
   Three Terminal Low Current Negative Voltage Regulators
PL79L05XA3 CYSTEKEC-PL79L05XA3 Datasheet
157Kb / 3P
   Three Terminal Low Current Negative Voltage Regulators
logo
List of Unclassifed Man...
79600A ETC-79600A Datasheet
82Kb / 7P
   Three-Terminal Low Current Negative Voltage Regulators
79LXXA ETC1-79LXXA Datasheet
85Kb / 7P
   Three-Terminal Low Current Negative Voltage Regulators
logo
Cystech Electonics Corp...
PL79L12XA3 CYSTEKEC-PL79L12XA3 Datasheet
157Kb / 3P
   Three Terminal Low Current Negative Voltage Regulators
LM79L12A3 CYSTEKEC-LM79L12A3 Datasheet
231Kb / 4P
   Three Terminal Low Current Negative Voltage Regulators
logo
KEC(Korea Electronics)
KIA79L05F KEC-KIA79L05F Datasheet
285Kb / 14P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Motorola, Inc
MC7900 MOTOROLA-MC7900 Datasheet
186Kb / 12P
   THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Integral Corp.
IL79 INTEGRAL-IL79 Datasheet
136Kb / 5P
   THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com