Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL28476 Datasheet(PDF) 7 Page - Intersil Corporation

No. de pieza ISL28476
Descripción Electrónicos  Dual and Quad Precision Micropower Single Supply Rail-to-Rail Input and Output Precision Op Amps
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28476 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL28476 Datasheet HTML 3Page - Intersil Corporation ISL28476 Datasheet HTML 4Page - Intersil Corporation ISL28476 Datasheet HTML 5Page - Intersil Corporation ISL28476 Datasheet HTML 6Page - Intersil Corporation ISL28476 Datasheet HTML 7Page - Intersil Corporation ISL28476 Datasheet HTML 8Page - Intersil Corporation ISL28476 Datasheet HTML 9Page - Intersil Corporation ISL28476 Datasheet HTML 10Page - Intersil Corporation ISL28476 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
FN6301.1
April 20, 2007
FIGURE 15. INPUT BIAS + OFFSET CURRENTS vs
COMMON-MODE INPUT VOLTAGE
FIGURE 16. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 17. SUPPLY CURRENT vs TEMPERATURE VS = ±1.2V
ENABLED. RL = INF
FIGURE 18. SUPPLY CURRENT vs TEMPERATURE VS = ±2.5V
ENABLED. RL = INF
FIGURE 19. IBIAS+ vs TEMPERATURE VS = ±2.5V
FIGURE 20. IBIAS+ vs TEMPERATURE VS = ±1.2V
Typical Performance Curves (Continued)
1
1k
10k
10
100
05
COMMON-MODE INPUT VOLTAGE (V)
13
24
IB+
IOS
IB-
2.0
3.5
4.0
5.5
SUPPLY VOLTAGE (V)
2.5
5.0
4.5
3.0
35
75
135
155
95
115
55
70
80
90
100
110
120
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 7
90
100
110
120
130
140
150
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 6
0
200
400
600
800
1000
1200
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 7
0
200
400
600
800
1000
1200
1400
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 7
ISL28276, ISL28476


Número de pieza similar - ISL28476

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL28476 INTERSIL-ISL28476 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL28476FAZ INTERSIL-ISL28476FAZ Datasheet
972Kb / 19P
   Single, Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
ISL28476FAZ RENESAS-ISL28476FAZ Datasheet
1Mb / 19P
   Single, Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
June 23, 2009
More results

Descripción similar - ISL28476

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL28276 INTERSIL-ISL28276 Datasheet
530Kb / 12P
   Dual Precision Micropower Single Supply Rail-to-Rail Input and Output Precision Op-Amps
logo
Linear Technology
LT1467L LINER-LT1467L_15 Datasheet
248Kb / 12P
   Micropower Dual/Quad Precision Rail-to-Rail Input and Output Op Amps
LT1466L LINER-LT1466L_15 Datasheet
248Kb / 12P
   Micropower Dual/Quad Precision Rail-to-Rail Input and Output Op Amps
LT1466L LINER-LT1466L Datasheet
274Kb / 12P
   Micropower Dual/Quad Precision Rail-to-Rail Input and Output Op Amps
LT1366 LINER-LT1366 Datasheet
411Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1366 LINER-LT1366_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1367 LINER-LT1367_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1366 LINER-LT1366_10 Datasheet
388Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1368 LINER-LT1368_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1369 LINER-LT1369_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com