Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC7MBD3244AFK Datasheet(PDF) 3 Page - Toshiba Semiconductor

No. de pieza TC7MBD3244AFK
Descripción Electrónicos  Octal Bus Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MBD3244AFK Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC7MBD3244AFK Datasheet HTML 1Page - Toshiba Semiconductor TC7MBD3244AFK Datasheet HTML 2Page - Toshiba Semiconductor TC7MBD3244AFK Datasheet HTML 3Page - Toshiba Semiconductor TC7MBD3244AFK Datasheet HTML 4Page - Toshiba Semiconductor TC7MBD3244AFK Datasheet HTML 5Page - Toshiba Semiconductor TC7MBD3244AFK Datasheet HTML 6Page - Toshiba Semiconductor TC7MBD3244AFK Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TC7MBD3244AFK
2007-10-19
3
Electrical Characteristics
DC Characteristics (Ta = −40~85°C)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
(Note 1)
Max
Unit
“H” level
VIH
4.5~5.5
2.0
Input voltage
“L” level
VIL
4.5~5.5
0.8
V
4.75
2.3
2.8
3.2
5.0
2.5
3.0
3.4
High-level output voltage
(Note 2)
VOH
IOH=-1
μA
VIS = VCC
5.25
2.7
3.2
3.6
V
Input leakage current
IIN
VIN = 0~5.5 V
4.5~5.5
±1.0
μA
Power off leakage current
IOFF
A, B, OE
= 0~5.5 V
0
±1.0
μA
Off-STATE leakage current
(switch off)
ISZ
A, B
= 0~5.5 V, OE = VCC
4.5~5.5
±1.0
μA
4.5
5
9
IIS = 64 mA
4.75
5
8
4.5
5
9
VIS = 0 V
IIS = 30 mA
4.75
5
8
4.5
35
65
ON resistance
(Note 3)
RON
VIS = 2.3 V, IIS = 15 mA
4.75
35
50
Ω
Quiescent supply current
ICC
VIN = VCC or GND,IOUT = 0
5.5
10
μA
Increase in ICC per input
ΔICC
VIN = 3.4 V (one input)
5.5
2.5
mA
Note 1: Typical values are at VCC = 5 V, Ta = 25°C.
Note 2: It recommends that this device uses Pull-up resistance when adding and using resistance for
an output terminal. Since it couses to drop a VOH voltage level when using Pull-down resistance
for an output terminal.
Note 3: Measured by the voltage drop between A and B pins at the indicated current through the switch. On
resistance is determined by the lower of the voltages on the two (A or B) pins.
AC Characteristics (Ta = −40~85°C)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
Propagation delay time
(bus to bus)
tpLH
tpHL
Figure 1, Figure 2
(Note)
4.5
0.32
ns
Output enable time
tpZL
tpZH
Figure 1, Figure 3
4.5
7.0
ns
Output disable time
tpLZ
tpHZ
Figure 1, Figure 3
4.5
7.0
ns
Note: The propagation delay time is calculated by the RC (on-resistance and load capacitance) time constant.
Capacitive Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Unit
Control pin input capacitance
CIN
(Note)
5.0
3
pF
Switch terminal capacitance
CI/O
OE
= VCC
(Note)
5.0
10
pF
Note: This parameter is guaranteed by design.


Número de pieza similar - TC7MBD3244AFK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7MBD3244FK TOSHIBA-TC7MBD3244FK Datasheet
226Kb / 7P
   OCTAL BUS SWITCH
More results

Descripción similar - TC7MBD3244AFK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7MB3244FK TOSHIBA-TC7MB3244FK_07 Datasheet
166Kb / 6P
   Octal Bus Switch
TC7MBD3245AFK TOSHIBA-TC7MBD3245AFK_07 Datasheet
178Kb / 7P
   Octal Bus Switch
logo
Nexperia B.V. All right...
CBT3245A-Q100 NEXPERIA-CBT3245A-Q100 Datasheet
222Kb / 12P
   Octal bus switch
logo
Toshiba Semiconductor
TC7MBD3244FK TOSHIBA-TC7MBD3244FK Datasheet
226Kb / 7P
   OCTAL BUS SWITCH
TC7MBD3245FK TOSHIBA-TC7MBD3245FK Datasheet
220Kb / 7P
   OCTAL BUS SWITCH
logo
Fairchild Semiconductor
FST3244 FAIRCHILD-FST3244 Datasheet
111Kb / 5P
   Octal Bus Switch
FST3245 FAIRCHILD-FST3245 Datasheet
110Kb / 6P
   Octal Bus Switch
logo
Toshiba Semiconductor
TC7MB3245FK TOSHIBA-TC7MB3245FK Datasheet
189Kb / 5P
   OCTAL BUS SWITCH
logo
NXP Semiconductors
CBT3245A PHILIPS-CBT3245A_15 Datasheet
383Kb / 16P
   Octal bus switch
Rev. 3-5 January 2012
CBT3245A PHILIPS-CBT3245A Datasheet
123Kb / 12P
   Octal bus switch
2003 Jun 27
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com