Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC7MZ273FK Datasheet(PDF) 5 Page - Toshiba Semiconductor

No. de pieza TC7MZ273FK
Descripción Electrónicos  Low-Voltage Octal D-Type Flip-Flop with Clear with 5-V Tolerant Inputs and Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MZ273FK Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC7MZ273FK_07 Datasheet HTML 1Page - Toshiba Semiconductor TC7MZ273FK_07 Datasheet HTML 2Page - Toshiba Semiconductor TC7MZ273FK_07 Datasheet HTML 3Page - Toshiba Semiconductor TC7MZ273FK_07 Datasheet HTML 4Page - Toshiba Semiconductor TC7MZ273FK_07 Datasheet HTML 5Page - Toshiba Semiconductor TC7MZ273FK_07 Datasheet HTML 6Page - Toshiba Semiconductor TC7MZ273FK_07 Datasheet HTML 7Page - Toshiba Semiconductor TC7MZ273FK_07 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TC7MZ273FK
2007-10-19
5
Dynamic Switching Characteristics
(Ta
= 25°C, Input: tr = tf = 2.5 ns, CL = 50 pF, RL = 500 Ω)
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Unit
Quiet output maximum dynamic VOL
VOLP
VIH = 3.3 V, VIL = 0 V
3.3
0.8
V
Quiet output minimum dynamic VOL
|VOLV| VIH = 3.3 V, VIL = 0 V
3.3
0.8
V
Capacitive Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Unit
Input capacitance
CIN
3.3
7
pF
Output capacitance
COUT
0
8
pF
Power dissipation capacitance
CPD
fIN = 10 MHz
(Note)
3.3
25
pF
Note: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC/8 (per bit)


Número de pieza similar - TC7MZ273FK_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7MZ273FK TOSHIBA-TC7MZ273FK Datasheet
109Kb / 8P
   Low-Voltage Octal D-Type Flip-Flop with Clear with 5-V Tolerant Inputs and Outputs
More results

Descripción similar - TC7MZ273FK_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74LCX273FT TOSHIBA-TC74LCX273FT Datasheet
183Kb / 10P
   Low-Voltage Octal D-Type Flip-Flop with Clear with 5-V Tolerant Inputs and Outputs
TC7MZ273FK TOSHIBA-TC7MZ273FK Datasheet
109Kb / 8P
   Low-Voltage Octal D-Type Flip-Flop with Clear with 5-V Tolerant Inputs and Outputs
TC74LCX273F TOSHIBA-TC74LCX273F_10 Datasheet
234Kb / 11P
   Low-Voltage Octal D-Type Flip-Flop with Clear with 5-V Tolerant Inputs and Outputs
TC74LCX273F TOSHIBA-TC74LCX273F_07 Datasheet
249Kb / 10P
   Low-Voltage Octal D-Type Flip-Flop with Clear with 5-V Tolerant Inputs and Outputs
TC7MZ574FK TOSHIBA-TC7MZ574FK_07 Datasheet
191Kb / 8P
   Low Voltage Octal D-Type Flip-Flop with 5 V Tolerant Inputs and Outputs
TC74LCX574F TOSHIBA-TC74LCX574F_10 Datasheet
234Kb / 11P
   Low-Voltage Octal D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
TC74LCX574F TOSHIBA-TC74LCX574F_07 Datasheet
249Kb / 10P
   Low-Voltage Octal D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
TC7MZ374FK TOSHIBA-TC7MZ374FK_07 Datasheet
191Kb / 8P
   Low Voltage Octal D-Type Flip-Flop with 5 V Tolerant Inputs and Outputs
TC74LCX374F TOSHIBA-TC74LCX374F_07 Datasheet
250Kb / 10P
   Low-Voltage Octal D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
TC7MA374FK TOSHIBA-TC7MA374FK_07 Datasheet
234Kb / 12P
   Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com