Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC7MZ373FK Datasheet(PDF) 6 Page - Toshiba Semiconductor

No. de pieza TC7MZ373FK
Descripción Electrónicos  Low-Voltage Octal D-Type Latch with 5 V Tolerant Inputs and Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MZ373FK Datasheet(HTML) 6 Page - Toshiba Semiconductor

  TC7MZ373FK Datasheet HTML 1Page - Toshiba Semiconductor TC7MZ373FK Datasheet HTML 2Page - Toshiba Semiconductor TC7MZ373FK Datasheet HTML 3Page - Toshiba Semiconductor TC7MZ373FK Datasheet HTML 4Page - Toshiba Semiconductor TC7MZ373FK Datasheet HTML 5Page - Toshiba Semiconductor TC7MZ373FK Datasheet HTML 6Page - Toshiba Semiconductor TC7MZ373FK Datasheet HTML 7Page - Toshiba Semiconductor TC7MZ373FK Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TC7MZ373FK
2007-10-19
6
AC Test Circuit
AC Waveform
Figure 1
Open
6.0 V
GND
Switch
Output
Measure
RL = 500 Ω
CL = 50 pF
Parameter
Switch
tpLH, tpHL
Open
tpLZ, tpZL
6.0 V
tpHZ, tpZH
GND
tw, ts, th
Open
Figure 2 tpLH, tpHL, tw, ts, th
90%
10%
Input
(LE)
2.7 V
tr 2.5 ns
Input
(D)
th (L)
1.5 V
GND
1.5 V
tf 2.5 ns
1.5 V
90%
10%
tpHL
Output
(Q)
ts (L)
tw (H)
2.7 V
GND
tpHL
1.5 V
1.5 V
tpLH
VOH
VOL
tpLH
th (H)
ts (H)
1.5 V
tr 2.5 ns
tf 2.5 ns
90%
10%
VOL
3.0 V
GND
2.7 V
1.5 V
tpHZ
tpZH
tr 2.5 ns
tf 2.5 ns
1.5 V
GND
VOH
Outputs
enabled
1.5 V
tpLZ
tpZL
VOH 0.3 V
Outputs
disabled
Outputs
enabled
Output Enable
(
OE )
Output (Q)
Low to Off to Low
Output (Q)
High to Off to High
VOL +
0.3 V
Figure 3 tpLZ, tpHZ, tpZL, tpZH


Número de pieza similar - TC7MZ373FK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7MZ373FK TOSHIBA-TC7MZ373FK Datasheet
252Kb / 7P
   LOW-VOLTAGE OCTAL D-TYPE LATCH WITH 5V TOLERANT INPUTS AND OUTPUTS
More results

Descripción similar - TC7MZ373FK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7MZ573FK TOSHIBA-TC7MZ573FK_07 Datasheet
192Kb / 8P
   Low Voltage Octal D-Type Latch with 5 V Tolerant Inputs and Outputs
TC74LCX373F TOSHIBA-TC74LCX373F_07 Datasheet
249Kb / 10P
   Low-Voltage Octal D-Type Latch with 5-V Tolerant Inputs and Outputs
TC74LCX573F TOSHIBA-TC74LCX573F_07 Datasheet
249Kb / 10P
   Low-Voltage Octal D-Type Latch with 5-V Tolerant Inputs and Outputs
TC74LCX373F TOSHIBA-TC74LCX373F_10 Datasheet
236Kb / 11P
   Low-Voltage Octal D-Type Latch with 5-V Tolerant Inputs and Outputs
TC74LCX573F TOSHIBA-TC74LCX573F_10 Datasheet
236Kb / 11P
   Low-Voltage Octal D-Type Latch with 5-V Tolerant Inputs and Outputs
TC7MA2373FK TOSHIBA-TC7MA2373FK_07 Datasheet
229Kb / 11P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
TC74VCX2373FT TOSHIBA-TC74VCX2373FT_07 Datasheet
253Kb / 11P
   Low-Voltage Octal D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC7MA573FK TOSHIBA-TC7MA573FK Datasheet
235Kb / 12P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
TC74VCX373FT TOSHIBA-TC74VCX373FT_07 Datasheet
272Kb / 13P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
TC74VCX573FT TOSHIBA-TC74VCX573FT_07 Datasheet
272Kb / 13P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com