Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC7PA05FU Datasheet(PDF) 6 Page - Toshiba Semiconductor

No. de pieza TC7PA05FU
Descripción Electrónicos  Dual Inverter (Open Drain)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7PA05FU Datasheet(HTML) 6 Page - Toshiba Semiconductor

  TC7PA05FU_07 Datasheet HTML 1Page - Toshiba Semiconductor TC7PA05FU_07 Datasheet HTML 2Page - Toshiba Semiconductor TC7PA05FU_07 Datasheet HTML 3Page - Toshiba Semiconductor TC7PA05FU_07 Datasheet HTML 4Page - Toshiba Semiconductor TC7PA05FU_07 Datasheet HTML 5Page - Toshiba Semiconductor TC7PA05FU_07 Datasheet HTML 6Page - Toshiba Semiconductor TC7PA05FU_07 Datasheet HTML 7Page - Toshiba Semiconductor TC7PA05FU_07 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TC7PA05FU
2007-11-01
6
AC Test Circuit
AC Waveforms
Figure 1
Measure
CL = 30 pF
RL = 500 Ω
6.0V or VCC × 2
Figure 2 tpLH, tpHL
VCC
Symbol
3.3
± 0.3 V
2.5
± 0.2 V
1.8 V
VIH
2.7 V
VCC
VCC
VM
1.5 V
VCC/2
VCC/2
VX
VOH − 0.3 V
VOH − 0.15 V
VOH − 0.15 V
90%
10%
VOL
3.0 V or VCC
GND
VIH
VX
tpZL
2.0 ns
VM
Outputs
disabled
tpLZ
Outputs
enabled
Outputs
disabled
VM
2.0 ns
VM
90%
10%
tr
tf


Número de pieza similar - TC7PA05FU_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7PA05FU TOSHIBA-TC7PA05FU Datasheet
181Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results

Descripción similar - TC7PA05FU_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NLX2G06 ONSEMI-NLX2G06 Datasheet
94Kb / 8P
   Dual Inverter, Open Drain
March, 2008 - Rev. 0
logo
Renesas Technology Corp
HD74LV1GW06A RENESAS-HD74LV1GW06A Datasheet
77Kb / 6P
   Dual Inverter Open Drain
logo
ON Semiconductor
NLU2G06 ONSEMI-NLU2G06 Datasheet
100Kb / 8P
   Dual Inverter, Open Drain
March, 2008 - Rev. 2
NLU2G06 ONSEMI-NLU2G06_16 Datasheet
72Kb / 7P
   Dual Inverter, Open Drain
July, 2016 ??Rev. 4
NLX2G06 ONSEMI-NLX2G06_16 Datasheet
79Kb / 8P
   Dual Inverter, Open Drain
June, 2016 ??Rev. 3
logo
Toshiba Semiconductor
TC7SG05FE TOSHIBA-TC7SG05FE Datasheet
249Kb / 7P
   Inverter (Open Drain)
2013-03-01
TC7SZ05F TOSHIBA-TC7SZ05F Datasheet
157Kb / 5P
   INVERTER (OPEN DRAIN)
TC7SH05FS TOSHIBA-TC7SH05FS Datasheet
177Kb / 6P
   INVERTER (Open Drain)
2014-03-01
TC7SA05F TOSHIBA-TC7SA05F Datasheet
207Kb / 8P
   Inverter (Open Drain)
TC7SZ05AFS TOSHIBA-TC7SZ05AFS Datasheet
158Kb / 6P
   INVERTER (Open Drain)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com