Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC74LCX163245FT Datasheet(PDF) 7 Page - Toshiba Semiconductor

No. de pieza TC74LCX163245FT
Descripción Electrónicos  16-Bit Dual Supply Bus Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX163245FT Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TC74LCX163245FT Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX163245FT Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX163245FT Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX163245FT Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX163245FT Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX163245FT Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX163245FT Datasheet HTML 9Page - Toshiba Semiconductor TC74LCX163245FT Datasheet HTML 10Page - Toshiba Semiconductor TC74LCX163245FT Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TC74LCX163245FT
2007-10-19
7
Electrical Characteristics
DC Characteristics
Ta
= −40 to
85°C
Characteristics
Symbol
Test Condition
VCCB (V) VCCA (V)
Min
Max
Unit
2.5
± 0.2 5.0 ± 0.5
1.7
VIHB
DIR, OE , Bn
3.3
± 0.3 5.0 ± 0.5
2.0
“H” level input voltage
VIHA
An
2.3 to 3.6 5.0
± 0.5
2.0
V
2.5
± 0.2 5.0 ± 0.5
0.7
VILB
DIR, OE , Bn
3.3
± 0.3 5.0 ± 0.5
0.8
“L” level input voltage
VILA
An
2.3 to 3.6 5.0
± 0.5
0.8
V
2.3 to 3.6 5.0
± 0.5
VCCB
0.2
3.0
5.0
± 0.5
2.2
VOHB
IOHB = −100 μA
IOHB = −24 mA
IOHB = −8mA
2.3
5.0
± 0.5
1.8
2.3 to 3.6 5.0
± 0.5
VCCA
0.2
“H” level output voltage
VOHA
VINA
= VIHA or VILA
VINB
= VIHB or VILB I
OHA = −100 μA
IOHA = −24 mA
2.3 to 3.6
4.5
3.8
V
2.3 to 3.6 5.0 ± 0.5
0.2
3.0
5.0
± 0.5
0.55
VOLB
IOLB = 100 μA
IOLB = 24 mA
IOLB = 8 mA
2.3
5.0
± 0.5
0.6
2.3 to 3.6 5.0 ± 0.5
0.2
“L” level output voltage
VOLA
VINA
= VIHA or VILA
VINB
= VIHB or VILB IOLA = 100 μA
IOLA = 24 mA
2.3 to 3.6
4.5
0.44
V
IOZB
VIN = VIHB or VILB
VI/OB = VCCB or GND
2.3 to 3.6 5.0
± 0.5
±5.0
3-state output off-state current
IOZA
VIN = VIHB or VILB
VI/OA = VCCA or GND
2.3 to 3.6 5.0
± 0.5
±5.0
μA
Input leakage current
IIN
VIN (DIR, OE ) = VCCB or GND
3.6
5.5
±5.0
μA
Power off leakage current
IOFF
VINA/VINB = 0 to 5.5 V
0
0
10
μA
ICCB1
VI/OA = Open, VCCA = Open
VINB = VCCB or GND
OE
= VCCB, DIR = GND
3.6
Open
50
ICCB2
VINA = VCCA or GND
VINB = VCCB or GND
3.6
5.5
50
ICCA
VINA = VCCA or GND
VINB = VCCB or GND
3.6
5.5
80
ICCTB
VINB = VCCB 0.6 V per input
3.6
5.0
± 0.5
500
μA
Quiescent supply current
ICCTA
VINA = 3.4 V per input
2.3 to 3.6
5.5
2.0
mA


Número de pieza similar - TC74LCX163245FT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74LCX163245FT TOSHIBA-TC74LCX163245FT Datasheet
327Kb / 8P
   16-BIT DUAL SUPPLY BOLTAGE INTERFACE BUS TRANSCEIVER
More results

Descripción similar - TC74LCX163245FT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AVC16T245 TI1-SN74AVC16T245_15 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX164245FT TOSHIBA-TC74LCX164245FT_07 Datasheet
188Kb / 11P
   16-Bit Dual Supply Bus Transceiver
TC74VCX164245FT TOSHIBA-TC74VCX164245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVC16T245 TI1-SN74LVC16T245_15 Datasheet
1Mb / 30P
[Old version datasheet]   16-bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74VCX163245FT TOSHIBA-TC74VCX163245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVCH16T245 TI1-SN74LVCH16T245_15 Datasheet
1,020Kb / 30P
[Old version datasheet]   16-bit Dual-supply Bus Transceiver
logo
Toshiba Semiconductor
TC74VCX164245FT TOSHIBA-TC74VCX164245FT Datasheet
193Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74AVC16T245 TI-SN74AVC16T245 Datasheet
431Kb / 18P
[Old version datasheet]   16 BIT DUAL SUPPLY BUS TRANSCEIVER
SN74AVCH16T245 TI1-SN74AVCH16T245_15 Datasheet
1Mb / 30P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX163245FT TOSHIBA-TC74LCX163245FT Datasheet
327Kb / 8P
   16-BIT DUAL SUPPLY BOLTAGE INTERFACE BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com