Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC74LVX240FT Datasheet(PDF) 4 Page - Toshiba Semiconductor

No. de pieza TC74LVX240FT
Descripción Electrónicos  Octal Bus Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LVX240FT Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC74LVX240FT Datasheet HTML 1Page - Toshiba Semiconductor TC74LVX240FT Datasheet HTML 2Page - Toshiba Semiconductor TC74LVX240FT Datasheet HTML 3Page - Toshiba Semiconductor TC74LVX240FT Datasheet HTML 4Page - Toshiba Semiconductor TC74LVX240FT Datasheet HTML 5Page - Toshiba Semiconductor TC74LVX240FT Datasheet HTML 6Page - Toshiba Semiconductor TC74LVX240FT Datasheet HTML 7Page - Toshiba Semiconductor TC74LVX240FT Datasheet HTML 8Page - Toshiba Semiconductor TC74LVX240FT Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TC74LVX240,244F/FT
2007-10-17
4
Electrical Characteristics
DC Characteristics
Ta
= 25°C
Ta
= −40 to
85°C
Characteristics
Sym-
bol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
2.0
1.5
1.5
3.0
2.0
2.0
H-level
VIH
3.6
2.4
2.4
2.0
0.5
0.5
3.0
0.8
0.8
Input voltage
L-level
VIL
3.6
0.8
0.8
V
IOH = −50 μA
2.0
1.9
2.0
1.9
IOH = −50 μA
3.0
2.9
3.0
2.9
H-level
VOH
VIN = VIH
or VIL
IOH = −4 mA
3.0
2.58
2.48
IOL = 50 μA
2.0
0
0.1
0.1
IOL = 50 μA
3.0
0
0.1
0.1
Output voltage
L-level
VOL
VIN = VIH
or VIL
IOL = 4 mA
3.0
0.36
0.44
V
3-State output
Off-state current
IOZ
VIN = VIH or VIL
VOUT = VCC or GND
3.6
±0.25
±2.5
μA
Input leakage current
IIN
VIN = 5.5 V or GND
3.6
±0.1
±1.0
μA
Quiescent supply current
ICC
VIN = VCC or GND
3.6
4.0
40.0
μA


Número de pieza similar - TC74LVX240FT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74LVX240FT TOSHIBA-TC74LVX240FT Datasheet
281Kb / 8P
   OCTAL BUS BUFFER. INVERTED/NON-INVERTED 3-STATE OUTPUTS
More results

Descripción similar - TC74LVX240FT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74VHCT240AF TOSHIBA-TC74VHCT240AF_07 Datasheet
221Kb / 9P
   Octal Bus Buffer
logo
ON Semiconductor
MC74VHC244 ONSEMI-MC74VHC244_11 Datasheet
145Kb / 8P
   Octal Bus Buffer
May, 2011 ??Rev. 8
MC74VHC244 ONSEMI-MC74VHC244 Datasheet
217Kb / 8P
   Octal Bus Buffer
March, 2006 -- Rev. 7
MC74VHCT540A ONSEMI-MC74VHCT540A_06 Datasheet
164Kb / 7P
   Octal Bus Buffer
March, 2006 ??Rev. 4
MC74VHCT541A ONSEMI-MC74VHCT541A_06 Datasheet
104Kb / 6P
   Octal Bus Buffer
January, 2006 ??Rev. 4
logo
Motorola, Inc
MC74VHC244 MOTOROLA-MC74VHC244 Datasheet
165Kb / 6P
   Octal Bus Buffer
MC74VHC540 MOTOROLA-MC74VHC540 Datasheet
168Kb / 6P
   Octal Bus Buffer
logo
Toshiba Semiconductor
TC74ACT240P TOSHIBA-TC74ACT240P Datasheet
273Kb / 6P
   OCTAL BUS BUFFER
logo
ON Semiconductor
MC74VHC541 ONSEMI-MC74VHC541 Datasheet
106Kb / 6P
   Octal Bus Buffer
April, 2006 ??Rev. 5
MC74LVX240 ONSEMI-MC74LVX240_14 Datasheet
134Kb / 7P
   Octal Bus Buffer
February, 2014 ??Rev. 4
MC74LVX541 ONSEMI-MC74LVX541_14 Datasheet
117Kb / 7P
   Octal Bus Buffer
August, 2014 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com