Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC74VCX02FT Datasheet(PDF) 4 Page - Toshiba Semiconductor

No. de pieza TC74VCX02FT
Descripción Electrónicos  Low-Voltage Quad 2-Input NOR Gate with 3.6-V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCX02FT Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC74VCX02FT_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74VCX02FT_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74VCX02FT_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74VCX02FT_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74VCX02FT_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74VCX02FT_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74VCX02FT_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74VCX02FT_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74VCX02FT_07 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TC74VCX02FT/FK
2007-10-19
4
DC Characteristics (Ta = −40 to 85°C, 2.3 V <= VCC <= 2.7 V)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
H-level
VIH
2.3~2.7
1.6
Input voltage
L-level
VIL
2.3~2.7
0.7
V
IOH = −100 μA
2.3~2.7
VCC
− 0. 2
IOH = −6 mA
2.3
2.0
IOH = −12 mA
2.3
1.8
H-level
VOH
VIN = VIL
IOH = −18 mA
2.3
1.7
IOL = 100 μA
2.3~2.7
0.2
IOL = 12 mA
2.3
0.4
Output voltage
L-level
VOL
VIN = VIH or VIL
IOL = 18 mA
2.3
0.6
V
Input leakage current
IIN
VIN = 0 to 3.6 V
2.3~2.7
±5.0
μA
Power-off leakage current
IOFF
VIN, VOUT = 0 to 3.6 V
0
10.0
μA
VIN = VCC or GND
2.3~2.7
20.0
Quiescent supply current
ICC
VCC <= VIN <= 3.6 V
2.3~2.7
±20.0
μA
DC Characteristics (Ta = −40 to 85°C, 1.65 V <= VCC < 2.3 V)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
H-level
VIH
1.65~2.3
0.65
×
VCC
Input voltage
L-level
VIL
1.65~2.3
0.2
×
VCC
V
IOH = −100 μA
1.65~2.3
VCC
− 0.2
H-level
VOH
VIN = VIL
IOH = −6 mA
1.65
1.25
IOL = 100 μA
1.65~2.3
0.2
Output voltage
L-level
VOL
VIN = VIH or VIL
IOL = 6 mA
1.65
0.3
V
Input leakage current
IIN
VIN = 0 to 3.6 V
1.65~2.3
±5.0
μA
Power-off leakage current
IOFF
VIN, VOUT = 0 to 3.6 V
0
10.0
μA
VIN = VCC or GND
1.65~2.3
20.0
Quiescent supply current
ICC
VCC <= VIN <= 3.6 V
1.65~2.3
±20.0
μA


Número de pieza similar - TC74VCX02FT_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74VCX02FT TOSHIBA-TC74VCX02FT Datasheet
366Kb / 8P
   LOW-VOLTAGE QUAD 2-INPUT NOT GATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

Descripción similar - TC74VCX02FT_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74VCX08FT TOSHIBA-TC74VCX08FT_07 Datasheet
249Kb / 11P
   Low-Voltage Quad 2-Input AND Gate with 3.6-V Tolerant Inputs and Outputs
TC74VCX00FT TOSHIBA-TC74VCX00FT_07 Datasheet
246Kb / 10P
   Low-Voltage Quad 2-Input NAND Gate with 3.6-V Tolerant Inputs and Outputs
TC74VCX32FT TOSHIBA-TC74VCX32FT_07 Datasheet
246Kb / 10P
   Low-Voltage Quad 2-Input OR Gate with 3.6-V Tolerant Inputs and Outputs
TC74LCX02F TOSHIBA-TC74LCX02F_07 Datasheet
237Kb / 9P
   Low-Voltage Quad 2-Input NOR Gate with 5-V Tolerant Inputs and Outputs
TC74LCX02F TOSHIBA-TC74LCX02F_12 Datasheet
200Kb / 10P
   Low-Voltage Quad 2-Input NOR Gate with 5-V Tolerant Inputs and Outputs
TC74LCX02F TOSHIBA-TC74LCX02F Datasheet
253Kb / 8P
   LOW VOLTAGE QUAD 2-INPUT NOR GATE WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74VCX86FT TOSHIBA-TC74VCX86FT_07 Datasheet
245Kb / 10P
   Low-Voltage Quad 2-Input Exclusive OR Gate with 3.6-V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX02 ONSEMI-74LCX02 Datasheet
414Kb / 11P
   Low Voltage Quad 2-Input NOR Gate Tolerant Inputs
January 2008 Rev. 1.6.0
logo
Toshiba Semiconductor
TC74LCX08F TOSHIBA-TC74LCX08F_12 Datasheet
210Kb / 9P
   Low-Voltage Quad 2-Input AND Gate with 5-V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCX02 FAIRCHILD-74LCX02 Datasheet
91Kb / 8P
   Low Voltage Quad 2-Input NOR Gate with 5V Tolerant Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com