Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC74VCX14FT Datasheet(PDF) 3 Page - Toshiba Semiconductor

No. de pieza TC74VCX14FT
Descripción Electrónicos  Low-Voltage Hex Schmitt Inverter with 3.6-V Tolerant Inputs and Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCX14FT Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC74VCX14FT_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74VCX14FT_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74VCX14FT_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74VCX14FT_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74VCX14FT_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74VCX14FT_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74VCX14FT_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74VCX14FT_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74VCX14FT_07 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TC74VCX14FT/FK
2007-10-19
3
Absolute Maximum Ratings (Note 1)
Characteristics
Symbol
Rating
Unit
Power supply voltage
VCC
−0.5~4.6
V
DC input voltage
VIN
−0.5~4.6
V
−0.5~4.6 (Note 2)
DC output voltage
VOUT
−0.5~VCC + 0.5 (Note 3)
V
Input diode current
IIK
−50
mA
Output diode current
IOK
±50
(Note 4)
mA
DC output current
IOUT
±50
mA
Power dissipation
PD
180
mW
DC VCC/ground current
ICC/IGND
±100
mA
Storage temperature
Tstg
−65~150
°C
Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or
even destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 2: VCC = 0 V
Note 3: High or low state. IOUT absolute maximum rating must be observed.
Note 4: VOUT < GND, VOUT > VCC
Operating Ranges (Note 1)
Characteristics
Symbol
Rating
Unit
Power supply voltage
VCC
1.2~3.6
V
Input voltage
VIN
−0.3~3.6
V
0~3.6
(Note 2)
Output voltage
VOUT
0~VCC (Note 3)
V
±24
(Note 4)
±18
(Note 5)
±6
(Note 6)
Output current
IOH/IOL
±2
(Note 7)
mA
Operating temperature
Topr
−40~85
°C
Note 1: The operating ranges must be maintained to ensure the normal operation of the device.
Unused inputs must be tied to either VCC or GND.
Note 2: VCC = 0 V
Note 3: High or low state
Note 4: VCC = 3.0~3.6 V
Note 5: VCC = 2.3~2.7 V
Note 6: VCC = 1.65~1.95 V
Note 7: VCC = 1.4~1.6 V


Número de pieza similar - TC74VCX14FT_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74VCX14FT TOSHIBA-TC74VCX14FT Datasheet
278Kb / 7P
   LOW-VOLTAGE HEX SCHMITT INVERTER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

Descripción similar - TC74VCX14FT_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74VCX04FT TOSHIBA-TC74VCX04FT_07 Datasheet
245Kb / 10P
   Low-Voltage Hex Inverter with 3.6-V Tolerant Inputs and Outputs
TC74LCX14F TOSHIBA-TC74LCX14F_12 Datasheet
218Kb / 10P
   Low-Voltage Hex Schmitt Inverter with 5-V Tolerant Inputs and Outputs
TC74LCX14F TOSHIBA-TC74LCX14F_07 Datasheet
272Kb / 10P
   Low-Voltage Hex Schmitt Inverter with 5-V Tolerant Inputs and Outputs
TC74LCX14F TOSHIBA-TC74LCX14F Datasheet
261Kb / 8P
   LOW VOLTAGE HEX SCHMITT INVERTER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74VCX14FT TOSHIBA-TC74VCX14FT Datasheet
278Kb / 7P
   LOW-VOLTAGE HEX SCHMITT INVERTER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74LCX04F TOSHIBA-TC74LCX04F_07 Datasheet
270Kb / 10P
   Low-Voltage Hex Inverter with 5-V Tolerant Inputs and Outputs
TC74LCX04F TOSHIBA-TC74LCX04F_12 Datasheet
215Kb / 10P
   Low-Voltage Hex Inverter with 5-V Tolerant Inputs and Outputs
TC74VCX04FT TOSHIBA-TC74VCX04FT Datasheet
333Kb / 8P
   LOW-VOLTAGE HEX INVERTER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
ON Semiconductor
MC74LCX14 ONSEMI-MC74LCX14 Datasheet
90Kb / 8P
   Low Voltage CMOS Hex Schmitt Inverter With 5 V-Tolerant Inputs
May, 2005 ??Rev. 5
logo
Toshiba Semiconductor
TC74LCX04F TOSHIBA-TC74LCX04F Datasheet
252Kb / 8P
   LOW VOLTAGE HEX INVERTER WITH 5V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com