Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC74VCX16823FT Datasheet(PDF) 3 Page - Toshiba Semiconductor

No. de pieza TC74VCX16823FT
Descripción Electrónicos  Low-Voltage 18-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCX16823FT Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC74VCX16823FT Datasheet HTML 1Page - Toshiba Semiconductor TC74VCX16823FT Datasheet HTML 2Page - Toshiba Semiconductor TC74VCX16823FT Datasheet HTML 3Page - Toshiba Semiconductor TC74VCX16823FT Datasheet HTML 4Page - Toshiba Semiconductor TC74VCX16823FT Datasheet HTML 5Page - Toshiba Semiconductor TC74VCX16823FT Datasheet HTML 6Page - Toshiba Semiconductor TC74VCX16823FT Datasheet HTML 7Page - Toshiba Semiconductor TC74VCX16823FT Datasheet HTML 8Page - Toshiba Semiconductor TC74VCX16823FT Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TC74VCX16823FT
2007-10-19
3
Truth Table (each 9-bit flip flop)
Inputs
OE
CLR
CKEN
CK
D
Outputs
Q
L
L
X
X
X
L
L
H
L
H
H
L
H
L
L
L
L
H
L
L
X
Q0
L
H
H
X
X
Q0
H
X
X
X
X
Z
X: Don’t care
Z: High impedance
Qn: No change
System Diagram
To eight other channels
R
CK
D
56
54
55
1
CLR
1
CKEN
1
1CK
1D1
3
1Q1
2
OE
1
To eight other channels
R
CK
D
29
42
30
28
CLR
2
CKEN
2
2CK
2D1
15
2Q1
27
OE
2


Número de pieza similar - TC74VCX16823FT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74VCX16821FT TOSHIBA-TC74VCX16821FT Datasheet
234Kb / 12P
   Low-Voltage 20-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
2007-10-19
TC74VCX16827FT TOSHIBA-TC74VCX16827FT Datasheet
340Kb / 9P
   LOW VOLTAGE 20-BIT BUS BUFFER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX16827FT TOSHIBA-TC74VCX16827FT Datasheet
209Kb / 11P
   Low-Voltage 20-Bit Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC74VCX16827FT TOSHIBA-TC74VCX16827FT_07 Datasheet
209Kb / 11P
   Low-Voltage 20-Bit Bus Buffer with 3.6-V Tolerant Inputs and Outputs
More results

Descripción similar - TC74VCX16823FT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74VCX162823FT TOSHIBA-TC74VCX162823FT Datasheet
229Kb / 12P
   Low-Voltage 18-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC74VCX16721FT TOSHIBA-TC74VCX16721FT Datasheet
217Kb / 12P
   Low-Voltage 20-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC74VCX16374FT TOSHIBA-TC74VCX16374FT_07 Datasheet
216Kb / 12P
   Low-Voltage 16-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC74VCX162821FT TOSHIBA-TC74VCX162821FT_07 Datasheet
225Kb / 12P
   Low-Voltage 20-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC74VCX16821FT TOSHIBA-TC74VCX16821FT Datasheet
234Kb / 12P
   Low-Voltage 20-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
2007-10-19
TC74VCX162721FT TOSHIBA-TC74VCX162721FT Datasheet
223Kb / 12P
   Low-Voltage 20-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC74VCX162821FT TOSHIBA-TC74VCX162821FT Datasheet
175Kb / 12P
   Low-Voltage 20-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC74VCX162374FT TOSHIBA-TC74VCX162374FT_07 Datasheet
222Kb / 12P
   Low-Voltage 16-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC7MA374FK TOSHIBA-TC7MA374FK_07 Datasheet
234Kb / 12P
   Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
TC7MA2574FK TOSHIBA-TC7MA2574FK Datasheet
218Kb / 11P
   Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com