Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC74VCX16835FT Datasheet(PDF) 8 Page - Toshiba Semiconductor

No. de pieza TC74VCX16835FT
Descripción Electrónicos  Low-Voltage 18-Bit Universal Bus Driver with 3.6-V Tolerant Inputs and Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCX16835FT Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TC74VCX16835FT_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74VCX16835FT_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74VCX16835FT_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74VCX16835FT_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74VCX16835FT_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74VCX16835FT_07 Datasheet HTML 9Page - Toshiba Semiconductor TC74VCX16835FT_07 Datasheet HTML 10Page - Toshiba Semiconductor TC74VCX16835FT_07 Datasheet HTML 11Page - Toshiba Semiconductor TC74VCX16835FT_07 Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
TC74VCX16835FT
2007-10-19
8
AC Characteristics (Ta = 0 to 85°C, input: tr = tf = 2.0 ns, CL = 0 pF, RL = 500 Ω)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
Propagation delay time
(An-Yn)
tpLH
tpHL
Figure 1, Figure 2
(Note) 3.3
± 0.15
0.9
2.0
ns
Propagation delay time
(CK-Yn)
tpLH
tpHL
Figure 1, Figure 3
(Note) 3.3
± 0.15
1.5
2.9
ns
Propagation delay time
(LE-Yn)
tpLH
tpHL
Figure 1, Figure 4
(Note) 3.3
± 0.15
0.7
2.6
ns
Output enable time
tpZL
tpZH
Figure 1, Figure 5
(Note) 3.3
± 0.15
0.7
2.6
ns
Output disable time
tpLZ
tpHZ
Figure 1, Figure 5
(Note) 3.3
± 0.15
0.7
2.7
ns
Minimum setup time
(An-CK, An-LE)
ts
Figure 1, Figure 3, Figure 4
(Note) 3.3
± 0.15
1.5
ns
Minimum hold time
(An-CK, An-LE)
th
Figure 1, Figure 3, Figure 4
(Note) 3.3
± 0.15
0.7
ns
Note:
TOSHIBA SPICE simulation data.
AC Characteristics (Ta = 0 to 85°C, input: tr = tf = 2.0 ns, CL = 50 pF, RL = 500 Ω)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
Propagation delay time
(An-Yn)
tpLH
tpHL
Figure 1, Figure 2
3.3
± 0.15
1.0
3.6
ns
Propagation delay time
(CK-Yn)
tpLH
tpHL
Figure 1, Figure 3
3.3
± 0.15
1.7
4.5
ns
Propagation delay time
(LE-Yn)
tpLH
tpHL
Figure 1, Figure 4
3.3
± 0.15
1.0
4.1
ns
Output enable time
tpZL
tpZH
Figure 1, Figure 5
3.3
± 0.15
1.0
4.1
ns
Output disable time
tpLZ
tpHZ
Figure 1, Figure 5
3.3
± 0.15
1.0
4.2
ns
Minimum setup time
(An-CK, An- LE)
ts
Figure 1, Figure 3, Figure 4
3.3
± 0.15
1.5
ns
Minimum hold time
(An-CK, An-LE)
th
Figure 1, Figure 3, Figure 4
3.3
± 0.15
0.7
ns


Número de pieza similar - TC74VCX16835FT_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74VCX16835FT TOSHIBA-TC74VCX16835FT Datasheet
445Kb / 13P
   LOW VOLTAGE 18-BIT UNIVERSAL BUS DRIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

Descripción similar - TC74VCX16835FT_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74VCX162835FT TOSHIBA-TC74VCX162835FT_07 Datasheet
240Kb / 14P
   Low-Voltage 18-Bit Universal Bus Driver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16834FT TOSHIBA-TC74VCX16834FT Datasheet
221Kb / 12P
   Low-Voltage 18-Bit Universal Bus Driver with 3.6-V Tolerant Inputs and Outputs
TC74VCX162834FT TOSHIBA-TC74VCX162834FT_07 Datasheet
227Kb / 12P
   Low-Voltage 18-Bit Universal Bus Driver with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162600FT TOSHIBA-TC74VCXR162600FT_07 Datasheet
239Kb / 14P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16500FT TOSHIBA-TC74VCX16500FT_07 Datasheet
231Kb / 14P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16501FT TOSHIBA-TC74VCX16501FT_07 Datasheet
230Kb / 14P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162500FT TOSHIBA-TC74VCXR162500FT_07 Datasheet
236Kb / 13P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162501FT TOSHIBA-TC74VCXR162501FT_07 Datasheet
237Kb / 14P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16601FT TOSHIBA-TC74VCX16601FT_07 Datasheet
230Kb / 13P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16600FT TOSHIBA-TC74VCX16600FT_07 Datasheet
233Kb / 15P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com