Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC74VHC14FN Datasheet(PDF) 2 Page - Toshiba Semiconductor |
|
TC74VHC14FN Datasheet(HTML) 2 Page - Toshiba Semiconductor |
2 / 9 page TC74VHC14F/FN/FT/FK 2007-10-01 2 Pin Assignment IEC Logic Symbol Truth Table A Y L H H L System Diagram, Waveform Absolute Maximum Ratings (Note) Characteristics Symbol Rating Unit Supply voltage range VCC −0.5 to 7.0 V DC input voltage VIN −0.5 to 7.0 V DC output voltage VOUT −0.5 to VCC + 0.5 V Input diode current IIK −20 mA Output diode current IOK ±20 mA DC output current IOUT ±25 mA DC VCC/ground current ICC ±50 mA Power dissipation PD 180 mW Storage temperature Tstg −65 to 150 °C Note: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even destruction. Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating ranges. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). 1A 2A 3A 4A 5A 6A (1) (3) (5) (9) (11) (13) 1Y 2Y 3Y 4Y 5Y 6Y (2) (4) (6) (8) (10) (12) VCC 9 6A 6Y 5A 8 14 13 12 11 10 1A 1 2 3 4 5 6 7 2Y 3A 3Y GND 5Y 4A 4Y (top view) 1Y 2A VN VH Y VP A VIN (A) VOUT (Y) |
Número de pieza similar - TC74VHC14FN |
|
Descripción similar - TC74VHC14FN |