Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ST7FLITE05Y0M6TR Datasheet(PDF) 6 Page - STMicroelectronics |
|
ST7FLITE05Y0M6TR Datasheet(HTML) 6 Page - STMicroelectronics |
6 / 124 page ST7LITE0xY0, ST7LITESxY0 6/124 2 PIN DESCRIPTION Figure 2. 20-Pin QFN Package Pinout Figure 3. 16-Pin SO and DIP Package Pinout k 2 1 3 4 5 78 9 10 11 12 13 14 15 17 18 19 20 MISO/AIN2/PB2 NC NC NC RESET PA5 (HS)/ICCDATA PA4 (HS) NC PA3 (HS) PA2 (HS)/ATPWM0 (HS) 20mA High sink capability eix associated external interrupt vector ei1 6 SCK/AIN1/PB1 ei2 16 PA1 (HS) e0 e3 16 15 14 13 12 11 10 9 1 2 3 4 5 6 7 8 VSS VDD SS/AIN0/PB0 CLKIN/AIN4/PB4 MOSI/AIN3/PB3 MISO/AIN2/PB2 SCK/AIN1/PB1 RESET PA0 (HS)/LTIC PA1 (HS) PA7 PA6/MCO/ICCCLK PA5 (HS)/ICCDATA PA4 (HS) PA3 (HS) PA2 (HS)/ATPWM0 ei1 ei0 (HS) 20mA high sink capability eix associated external interrupt vector ei2 ei3 1 |
Número de pieza similar - ST7FLITE05Y0M6TR |
|
Descripción similar - ST7FLITE05Y0M6TR |