Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC93P24FG Datasheet(PDF) 2 Page - Toshiba Semiconductor

No. de pieza TC93P24FG
Descripción Electrónicos  Single-Chip DTS Microcontroller (DTS-20)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC93P24FG Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC93P24FG Datasheet HTML 1Page - Toshiba Semiconductor TC93P24FG Datasheet HTML 2Page - Toshiba Semiconductor TC93P24FG Datasheet HTML 3Page - Toshiba Semiconductor TC93P24FG Datasheet HTML 4Page - Toshiba Semiconductor TC93P24FG Datasheet HTML 5Page - Toshiba Semiconductor TC93P24FG Datasheet HTML 6Page - Toshiba Semiconductor TC93P24FG Datasheet HTML 7Page - Toshiba Semiconductor TC93P24FG Datasheet HTML 8Page - Toshiba Semiconductor TC93P24FG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
TC93P24FG
2006-08-31
2
Pin Assignment
P6-1
P6-2
P6-3
P7-0
P7-1
P7-2
P7-3
P8-0
P8-1
P8-2
P8-3
VCPU
GND4
XOUT2
XIN2
VDD4
XOUT1
XIN1
GND5
VEE
P2-3 (ADIN4)
P2-2 (ADIN3)
P2-1 (ADIN2)
P2-0 (ADIN1)
DCREF
P1-3
P1-2
P1-1
P1-0
GND1
RESET (VPP)
VDD1
P10-3 (S34)
P10-2 (S33)
P10-1 (S32)
P10-0 (S31)
P9-3 (S30)
P9-2 (S29)
P9-1 (S28)
P9-0 (S27)
50
49
58
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30
LCD driver (1/4, 1/3, 1/2 duty, 1/2, 1/3 bias, 136 segments max)
Oscillator 1
(4.5 MHz)
Oscillator 2
(75 kHz)
I/O ports
PLL
Interrupt input
SIO
SIO
I/O ports
I/O ports
AD converter
(8 channels)
I/O ports
QFP-100
(0.65-mm pitch)
I/O ports


Número de pieza similar - TC93P24FG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC93P27F TOSHIBA-TC93P27F Datasheet
206Kb / 16P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results

Descripción similar - TC93P24FG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC9325F TOSHIBA-TC9325F Datasheet
1Mb / 101P
   Single-Chip DTS Microcontroller (DTS-20)
TC9324F TOSHIBA-TC9324F Datasheet
1Mb / 101P
   Single-Chip DTS Microcontroller (DTS-20)
TC9349AFG TOSHIBA-TC9349AFG Datasheet
2Mb / 129P
   Single-Chip DTS Microcontroller (DTS-21)
TC9318AFAG TOSHIBA-TC9318AFAG Datasheet
1Mb / 56P
   Single Chip DTS Microcontroller (DTS-21)
TC9323F TOSHIBA-TC9323F Datasheet
735Kb / 17P
   SINGLE CHIP DTS MICROCONTROLLER
TC9318FA TOSHIBA-TC9318FA Datasheet
3Mb / 60P
   SINGLE CHIP DTS MICROCONTROLLER
TC9319F TOSHIBA-TC9319F Datasheet
3Mb / 54P
   SINGLE CHIP DTS MICROCONTROLLER
TC9322FA TOSHIBA-TC9322FA Datasheet
767Kb / 17P
   SINGLE CHIP DTS MICROCONTROLLER
TC9309AF TOSHIBA-TC9309AF Datasheet
2Mb / 53P
   SINGLE CHIP DTS MICROCONTROLLER
TC9314F TOSHIBA-TC9314F Datasheet
5Mb / 76P
   SINGLE-CHIP DTS MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com