Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC4512BFN Datasheet(PDF) 4 Page - Toshiba Semiconductor

No. de pieza TC4512BFN
Descripción Electrónicos  8-Channel Data Selector
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC4512BFN Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC4512BFN Datasheet HTML 1Page - Toshiba Semiconductor TC4512BFN Datasheet HTML 2Page - Toshiba Semiconductor TC4512BFN Datasheet HTML 3Page - Toshiba Semiconductor TC4512BFN Datasheet HTML 4Page - Toshiba Semiconductor TC4512BFN Datasheet HTML 5Page - Toshiba Semiconductor TC4512BFN Datasheet HTML 6Page - Toshiba Semiconductor TC4512BFN Datasheet HTML 7Page - Toshiba Semiconductor TC4512BFN Datasheet HTML 8Page - Toshiba Semiconductor TC4512BFN Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TC4512BP/BF/BFN
2007-10-01
4
Dynamic Electrical Characteristics (Ta = 25°C, VSS = 0 V, CL = 50 pF)
Test Condition
Characteristics
Symbol
VDD (V)
Min
Typ.
Max
Unit
Output transition time
(low to high)
tTLH
5
10
15
80
50
40
200
100
80
ns
Output transition time
(high to low)
tTHL
5
10
15
80
50
40
200
100
80
ns
Propagation delay time
(INHIBIT-Z)
tpLH
tpHL
5
10
15
140
60
40
280
140
100
ns
Propagation delay time
(A, B, C-Z)
tpLH
tpHL
5
10
15
240
95
65
400
170
120
ns
Propagation delay time
(X-Z)
tpLH
tpHL
5
10
15
210
85
60
360
150
110
ns
Three state disable time
(DISABLE-Z)
tpZL, tpLZ
tpHZ, tpZH
RL = 1 kΩ
5
10
15
60
25
20
120
60
40
ns
Input capacitance
CIN
5
7.5
pF


Número de pieza similar - TC4512BFN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC4512BFN TOSHIBA-TC4512BFN Datasheet
261Kb / 7P
   8-CHANNEL DATA SELECTOR
More results

Descripción similar - TC4512BFN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC14512B ONSEMI-MC14512B Datasheet
178Kb / 8P
   8-Channel Data Selector
March, 2000 ??Rev. 3
logo
Toshiba Semiconductor
TC4512BP TOSHIBA-TC4512BP Datasheet
261Kb / 7P
   8-CHANNEL DATA SELECTOR
logo
Hitachi Semiconductor
HD14512B HITACHI-HD14512B Datasheet
81Kb / 7P
   8-channel Data Selector
logo
ON Semiconductor
MC14512B ONSEMI-MC14512B_14 Datasheet
110Kb / 6P
   8-Channel Data Selector
July, 2014 ??Rev. 10
logo
List of Unclassifed Man...
MMC4512 ETC-MMC4512 Datasheet
116Kb / 4P
   8-CHANNEL DATA SELECTOR
logo
STMicroelectronics
HCF4512B STMICROELECTRONICS-HCF4512B_02 Datasheet
278Kb / 9P
   8 CHANNEL DATA SELECTOR
HCC4512B STMICROELECTRONICS-HCC4512B Datasheet
278Kb / 12P
   8-CHANNEL DATA SELECTOR
logo
Fairchild Semiconductor
CD4512BC FAIRCHILD-CD4512BC Datasheet
78Kb / 8P
   8-Channel Buffered Data Selector
logo
Texas Instruments
CD4512B TI1-CD4512B Datasheet
1Mb / 16P
[Old version datasheet]   CMOS 8-Channel Data Selector
CD4512B TI1-CD4512B_15 Datasheet
1Mb / 15P
[Old version datasheet]   CMOS 8-Channel Data Selector
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com