Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TD7627FN Datasheet(PDF) 2 Page - Toshiba Semiconductor

No. de pieza TD7627FN
Descripción Electrónicos  3-WIRE AND I2C BUS SYSTEM, 2.7 GHz DIRECT TWO MODULUS-TYPE FREQUENCY SYNTHESIZER FOR CATV
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD7627FN Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TD7627FN_01 Datasheet HTML 1Page - Toshiba Semiconductor TD7627FN_01 Datasheet HTML 2Page - Toshiba Semiconductor TD7627FN_01 Datasheet HTML 3Page - Toshiba Semiconductor TD7627FN_01 Datasheet HTML 4Page - Toshiba Semiconductor TD7627FN_01 Datasheet HTML 5Page - Toshiba Semiconductor TD7627FN_01 Datasheet HTML 6Page - Toshiba Semiconductor TD7627FN_01 Datasheet HTML 7Page - Toshiba Semiconductor TD7627FN_01 Datasheet HTML 8Page - Toshiba Semiconductor TD7627FN_01 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
TD7627FN
2001-03-01 2/19
BLOCK DIAGRAM
MAXIMUM RATINGS (Ta = 25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Supply Voltage 1
VCC1
6.0
V
Supply Voltage 2
VCC2
12
V
Power Consumption
PD
560
mW
Operating Temperature
Topr
−20~85
°C
Storage Temperature
Tstg
−55~150
°C
Note 1: When using the device at above Ta = 25°C, decrease the power dissipation by
4.5 mW for each increase of 1°C.
Note 2: These devices are easy to be damaged by high static voltage or electric fields.
In regards to this, please handle with care.
RECOMMENDED SUPPLY VOLTAGE
PIN
No.
PIN NAME
MIN
TYP.
MAX
UNIT
3
VCC1 : PLL Power Supply
4.5
5.0
5.5
V
4
VCC2 : Band Switch Power Supply
VCC1
9.9
V


Número de pieza similar - TD7627FN_01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TD7627FN TOSHIBA-TD7627FN Datasheet
788Kb / 18P
   30WIRE AND I2C BUS SYSTEM, 2.7 GHz DIRECT TWO MODULUS-TYPE FREQUENCY SYNTHSIZER FOR CATV
More results

Descripción similar - TD7627FN_01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TD7623AFN TOSHIBA-TD7623AFN Datasheet
789Kb / 18P
   3-WIRE AND I2C BUS SYSTEM, 2.3 GHz DIRECT TWO MODULUS-TYPE FREQUENCY SYNTHESIZER FOR CATV
TD7623AFN TOSHIBA-TD7623AFN_01 Datasheet
307Kb / 19P
   3-WIRE AND I2C BUS SYSTEM, 2.3 GHz DIRECT TWO MODULUS-TYPE FREQUENCY SYNTHESIZER FOR CATV
TD7624AFN TOSHIBA-TD7624AFN_01 Datasheet
348Kb / 21P
   3-WIRE AND I2C BUS SYSTEM, 1.3 GHz DIRECT TWO MODULUS-TYPE FREQUENCY SYNTHESIZER FOR TV AND CATV
TD7627FN TOSHIBA-TD7627FN Datasheet
788Kb / 18P
   30WIRE AND I2C BUS SYSTEM, 2.7 GHz DIRECT TWO MODULUS-TYPE FREQUENCY SYNTHSIZER FOR CATV
TD7624AFN TOSHIBA-TD7624AFN Datasheet
918Kb / 20P
   3-WIRE AND I2C BUS SYSTEM, 1.3GHz DIRECT TWO MODULUS-TYPE FREQUENCY SYNTHESIZER FOR TV AND CATV
logo
NXP Semiconductors
TSA5059 PHILIPS-TSA5059 Datasheet
151Kb / 24P
   2.7 GHz I2C-bus controlled low phase noise frequency synthesizer
1999 Oct 05
TSA5059A PHILIPS-TSA5059A Datasheet
118Kb / 24P
   2.7 GHz I2C-bus controlled low phase noise frequency synthesizer
2000 Oct 24
logo
Mitsubishi Electric Sem...
M64895FP MITSUBISHI-M64895FP Datasheet
45Kb / 6P
   I2C BUS FREQUENCY SYNTHESIZER FOR TV/VCR
logo
Renesas Technology Corp
M64895BGP RENESAS-M64895BGP Datasheet
161Kb / 12P
   I2C BUS FREQUENCY SYNTHESIZER FOR TV/VTR
logo
Toshiba Semiconductor
TD7614F TOSHIBA-TD7614F Datasheet
520Kb / 16P
   3-WIRE BUS, 1.3GHz-FREQUENCY SYNTHESIZER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com