Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TD62064AFG Datasheet(PDF) 3 Page - Toshiba Semiconductor

No. de pieza TD62064AFG
Descripción Electrónicos  4ch High-Current Darlington Sink Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62064AFG Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TD62064AFG Datasheet HTML 1Page - Toshiba Semiconductor TD62064AFG Datasheet HTML 2Page - Toshiba Semiconductor TD62064AFG Datasheet HTML 3Page - Toshiba Semiconductor TD62064AFG Datasheet HTML 4Page - Toshiba Semiconductor TD62064AFG Datasheet HTML 5Page - Toshiba Semiconductor TD62064AFG Datasheet HTML 6Page - Toshiba Semiconductor TD62064AFG Datasheet HTML 7Page - Toshiba Semiconductor TD62064AFG Datasheet HTML 8Page - Toshiba Semiconductor TD62064AFG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TD62064APG/AFG
2007-10-16
3
Operating Conditions (Ta =
40 to 85°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Output sustaining voltage
VCE (SUS)
0
50
V
DC1 circuit, Ta
= 25°C
0
1250
Duty
= 10%
0
1250
APG (Note 1)
Duty
= 50%
0
390
Duty
= 10%
0
907
Output current
AFG (Note 2)
IOUT
Tpw = 25 ms
4 circuits
Tj = 120°C
Ta
= 85°C
Duty
= 50%
0
172
mA/ch
VIN
0
8
Output ON
VIN (ON)
IOUT = 1.25 A
2.5
8
Input voltage
Output OFF
VIN (OFF)
0
0.4
V
Input current
IIN
0
20
mA
Clamp diode reverse voltage
VR
0
50
V
Clamp diode forward current
IF
1.25
A
APG
Ta
= 85°C
(Note 1)
1.4
Power dissipation
AFG
PD
Ta
= 85°C
(Note 2)
0.7
W
Note 1: On glass epoxy PCB (50
× 50 × 1.6 mm Cu 50%)
Note 2: On glass epoxy PCB (60
× 30 × 1.6 mm Cu 30%)
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
VCE = 50 V, Ta = 25°C
50
Output leakage current
ICEX
1
VCE = 50 V, Ta = 85°C
500
μA
IOUT = 1.25 A, IIN = 2 mA
1.6
Output saturation voltage
VCE (sat)
2
IOUT = 0.75 A, IIN = 935 μA
1.25
V
IOUT = 1.0 A
800
DC current transfer ratio
hFE
2
VCE = 2 V
IOUT = 0.25 A
1500
Input voltage (output on)
VIN (ON)
3
IOUT = 1.25 A, IIN = 2 mA
2.4
V
VR = 50 V, Ta = 25°C
50
Clamp diode leakage current
IR
4
VR = 50 V, Ta = 85°C
100
μA
Clamp diode forward voltage
VF
5
IF = 1.25 A
2.0
V
Input capacitance
CIN
6
VIN = 0 V, f = 1 MHz
15
pF
Turn-ON delay
tON
7
CL = 15 pF, VOUT = 50 V,
RL = 42 Ω
0.1
μs
Turn-OFF delay
tOFF
7
CL = 15 pF, VOUT = 50 V,
RL = 42 Ω
1.0
μs


Número de pieza similar - TD62064AFG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TD62064AF TOSHIBA-TD62064AF Datasheet
249Kb / 10P
   4CH HIHG-CURRENT DARLINGTON SINK DRIVER
TD62064AF TOSHIBA-TD62064AF Datasheet
345Kb / 9P
   4CH HIGH-CURRENT DARLINGTON SINK DRIVER
More results

Descripción similar - TD62064AFG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TD62164AP TOSHIBA-TD62164AP Datasheet
282Kb / 7P
   4CH HIGH-CURRENT DARLINGTON SINK DRIVER
TD62064BP1G TOSHIBA-TD62064BP1G Datasheet
237Kb / 11P
   4ch High-Current Darlington Sink Driver
TD62064BP-1 TOSHIBA-TD62064BP-1 Datasheet
300Kb / 8P
   4CH HIGH-CURRENT DARLINGTON SINK DRIVER
TD62164BP TOSHIBA-TD62164BP Datasheet
287Kb / 8P
   4CH HIGH-CURRENT DARLINGTON SINK DRIVER
TD62064P TOSHIBA-TD62064P Datasheet
345Kb / 9P
   4CH HIGH-CURRENT DARLINGTON SINK DRIVER
TD62064BP-1 TOSHIBA-TD62064BP-1_06 Datasheet
417Kb / 11P
   4CH HIGH−CURRENT DARLINGTON SINK DRIVER
TD62064074P TOSHIBA-TD62064074P Datasheet
249Kb / 10P
   4CH HIHG-CURRENT DARLINGTON SINK DRIVER
TD62308APG TOSHIBA-TD62308APG Datasheet
210Kb / 11P
   4ch Low Input Active High-Current Darlington Sink Driver
TD62308AP TOSHIBA-TD62308AP Datasheet
297Kb / 8P
   4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
TD62308APA TOSHIBA-TD62308APA Datasheet
229Kb / 6P
   4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com